Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JRW070A0M1 Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # JRW070A0M1
Description  36-75Vdc Input; 1.2Vdc to 12Vdc Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRW070A0M1 Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button JRW070A0M1 Datasheet HTML 6Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 7Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 8Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 9Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 10Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 11Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 12Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 13Page - Lineage Power Corporation JRW070A0M1 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
July 21, 2008
JRW017-070 Series Power Modules DC-DC Converters
36-75Vdc Input; 1.2Vdc to 12Vdc Output
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the JRW065A0Y (1.8V, 65A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
Io = 0 A
Io = 32.5 A
Io = 65 A
INPUT VOLTAGE, VIN (V)
TIME, t (1ms/div)
Figure 25. Typical Start-Up (Input Current)
characteristics at room temperature.
Figure 28. Typical Start-Up Characteristics from
Remote ON/OFF.
70
72
74
76
78
80
82
84
86
88
90
010
20
30
40
50
60
70
Vi = 36 V
Vi = 48 V
Vi = 75 V
OUTPUT CURRENT, Io (A)
TIME, t (200
μs/div)
Figure 26. Converter Efficiency Vs Load at Room
temperature.
Figure 29. Transient Response to Dynamic Load
Change from 50% to 25% of full load current.
TIME, t (1
μs/div)
TIME, t (200
μs/div)
Figure 27. Typical Output Ripple and Noise at Room
temperature and
Io = Io,max.
Figure 30. Transient Response to Dynamic Load
Change from 25% to 50 % of full load current.
75 Vin
48 Vin
36 Vin


Similar Part No. - JRW070A0M1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
logo
jb Capacitors Company
JRW JBCAPACITORS-JRW Datasheet
444Kb / 5P
   Radial Aluminum Electrolytic Capacitor
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
JRW24D12-420 WALL-JRW24D12-420 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JRW24D12-420 WALL-JRW24D12-420 Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JRW070A0M1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com