Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HW005A0F1-S65Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # HW005A0F1-S65Z
Description  18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HW005A0F1-S65Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button HW005A0F1-S65Z Datasheet HTML 2Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 3Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 4Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 5Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 6Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 7Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 8Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 9Page - Lineage Power Corporation HW005A0F1-S65Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
May 16, 2008
HW/HC004/005/006 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the HW004A0A (5.0V, 4A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
90
01
2
3
4
VI = 36V
VI = 54V
VI = 75V
0
1
2
3
4
5
0
10
203040
50
60
708090100
110
3.0 m/s (600 ft./min.)
2.0 m/s (400 ft./min.)
1.0 m/s (200 ft./min.)
NATURAL CONVECTION
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 1. Converter Efficiency versus Output Current
Figure 4. Derating Output Current versus Local
Ambient Temperature and Airflow
TIME, t (1
μs/div)
TIME, t (20ms/div)
Figure 2. Typical Output Ripple and Noise.
Figure 5. Typical Start-Up with application of Vin.
TIME, t (50
μs/div)
TIME, t (20ms/div)
Figure 3. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
Figure 6. Typical Start-Up Using Remote On/Off,
negative logic version shown.


Similar Part No. - HW005A0F1-S65Z

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HW005M NJSEMI-HW005M Datasheet
93Kb / 1P
   1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - HW005A0F1-S65Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com