Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HW005A0F1-SZ Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # HW005A0F1-SZ
Description  18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HW005A0F1-SZ Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button HW005A0F1-SZ Datasheet HTML 7Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 8Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 9Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 10Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 11Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 12Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 13Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 14Page - Lineage Power Corporation HW005A0F1-SZ Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
May 16, 2008
HW/HC004/005/006 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
LINEAGE POWER
11
Characteristic Curves (continued)
The following figures provide typical characteristics for the HW006A0M (1.5V, 6A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
66
68
70
72
74
76
78
80
82
84
86
0
1
234
56
VI = 36V
VI = 54V
VI = 75V
0
1
2
3
4
5
6
7
0
10
20
30
40506070
80
90
100
110
2.0 m/s (400 ft./min.)
1.0 m/s (200 ft./min.)
NATURAL CONVECTION
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 31. Converter Efficiency versus Output
Current.
Figure 34. Derating Output Current versus Local
Ambient Temperature and Airflow
TIME, t (1
μs/div)
TIME, t (5ms/div)
Figure 32. Typical Output Ripple and Noise.
Figure 35. Typical Start-Up with application of Vin.
TIME, t (50
μs/div)
TIME, t (5ms/div)
Figure 33. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
Figure 36. Typical Start-Up Using Remote On/Off,
negative logic version shown.


Similar Part No. - HW005A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HW005M NJSEMI-HW005M Datasheet
93Kb / 1P
   1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - HW005A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com