Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JNW350R641 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # JNW350R641
Description  36 - 75 Vdc Input; 28Vdc Output; 350W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JNW350R641 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button JNW350R641 Datasheet HTML 2Page - Lineage Power Corporation JNW350R641 Datasheet HTML 3Page - Lineage Power Corporation JNW350R641 Datasheet HTML 4Page - Lineage Power Corporation JNW350R641 Datasheet HTML 5Page - Lineage Power Corporation JNW350R641 Datasheet HTML 6Page - Lineage Power Corporation JNW350R641 Datasheet HTML 7Page - Lineage Power Corporation JNW350R641 Datasheet HTML 8Page - Lineage Power Corporation JNW350R641 Datasheet HTML 9Page - Lineage Power Corporation JNW350R641 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
July 27, 2009
JNW350R Power Modules; DC-DC Converters
36 – 75 Vdc Input; 28Vdc Output; 350W Output
LINEAGE POWER
6
Test Configurations
Note: Measure the input reflected-ripple current with a
simulated source inductance (LTEST) of 12 µH. Capacitor
CS offsets possible battery impedance. Measure the current,
as shown above.
Figure 7. Input Reflected Ripple Current Test
Setup.
Note: Use a Cout (470 µF Low ESR aluminum or tantalum
capacitor typical), a 0.1 µF ceramic capacitor and a 10 µF
ceramic capacitor, and Scope measurement should be made
using a BNC socket. Position the load between 51 mm and
76 mm (2 in. and 3 in.) from the module.
Figure 8. Output Ripple and Noise Test Setup.
Note: All measurements are taken at the module terminals.
When socketing, place Kelvin connections at module
terminals to avoid measurement errors due to socket contact
resistance.
Figure 9. Output Voltage and Efficiency Test
Setup.
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. A highly inductive source
impedance can affect the stability of the power
module. For the test configuration in Figure 7, a
470μF Low ESR aluminum capacitor, CIN , mounted
close to the power module helps ensure the stability
of the unit. Consult the factory for further application
guidelines
Output Capacitance
The JNW350R power module requires a minimum
output capacitance of 440µF Low ESR aluminum
capacitor, Cout to ensure stable operation over the full
range of load and line conditions, see Figure 8. If the
ambient temperature is under -20C, it is required to
use at least 3 pcs of minimum capacitors in parallel.
In general, the process of determining the acceptable
values of output capacitance and ESR is complex and
is load-dependant.
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and
separation requirements of the end-use safety agency
standard, i.e., UL60950-1, CSA C22.2 No. 60950-1-
03, EN60950-1 and VDE 0805:2001-12.
For end products connected to –48V dc, or –60Vdc
nominal DC MAINS (i.e. central office dc battery
plant), no further fault testing is required. *Note: -60V
dc nominal battery plants are not available in the U.S.
or Canada.
For all input voltages, other than DC MAINS, where
the input voltage is less than 60V dc, if the input
meets all of the requirements for SELV, then:
The output may be considered SELV. Output
voltages will remain within SELV limits even with
internally-generated non-SELV voltages. Single
component failure and fault tests were performed
in the power converters.
One pole of the input and one pole of the output
are to be grounded, or both circuits are to be kept
floating, to maintain the output voltage to ground
voltage within ELV or SELV limits. However,
SELV will not be maintained if VI(+) and VO(+)
are grounded simultaneously.


Similar Description - JNW350R641

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
SSQE48T07120 BEL-SSQE48T07120 Datasheet
709Kb / 14P
   36-75 VDC Input; 12 VDC @ 7 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com