Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHW250S30R21-18TZ Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # JHW250S30R21-18TZ
Description  36 - 75 Vdc Input; 30.2Vdc Output; 250W
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JHW250S30R21-18TZ Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button JHW250S30R21-18TZ Datasheet HTML 6Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 7Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 8Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 9Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 10Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 11Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 12Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 13Page - Lineage Power Corporation JHW250S30R21-18TZ Datasheet HTML 14Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
October 6, 2005
JHW250S30R2 Power Module; dc-dc Converter
36 – 75 Vdc Input; 30.2Vdc Output; 250W
Tyco Electronics Power Systems
11
Feature Descriptions (continued)
0
50
100
150
200
250
300
20
30
40
50
60
70
80
90
100
110
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be
provided to help ensure reliable operation of the unit.
Heat-dissipating components inside the unit are
thermally coupled to the metal case. Heat is removed by
conduction, convection, and radiation to the surrounding
environment. Proper cooling can be verified by
measuring the case temperature. Peak temperature (TC)
occurs at the position indicated in Figure 20.
CASE TEMPERATURE, T
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of the
module will result in an increase in reliability. The
thermal data presented here is based on physical
measurements taken in a wind tunnel.
C (°C)
Figure 21. Output Power Derating for JHW250S30R2
(Vo = 30.2V) vs Case Temperature
Layout Considerations
For reliable operation please refer to the power derating
guidelines shown in figure 21. Under no circumstances
should the absolute maximum temperature at this point
exceed the 100°C threshold.
The JHW250 power module series are encapsulated
aluminum case packaged style, as such; component
clearance between the bottom of the power module and
the mounting (Host) board is limited. Avoid placing
copper areas on the outer layer directly underneath the
power module. Also avoid placing via interconnects
underneath the power module.
MEASURE CASE
TEMPERATURE HERE (Tc)
VI(-)
ON/OFF
CASE
+ SEN
TRIM
- SEN
VI(+)
VO(-)
VO(+)
30.5
(1.20)
29.0
(1.14)
For additional layout guide-lines, refer to FLTR100V20
data sheet.
Post Solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect both
the reliability of a power module and the testability of the
finished circuit-board assembly. For guidance on
appropriate soldering, cleaning and drying procedures,
refer to Tyco Electronics Board Mounted Power
Modules: Soldering and Cleaning Application Note
(AP01-056EPS).
Figure 20. Metal Case (Tc ) Temperature
Measurement Location (top view)
Although the maximum Tc temperature of the power
modules is 100°C, you can limit this temperature to a
lower value for extremely high reliability.


Similar Part No. - JHW250S30R21-18TZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JHW350R41 LINEAGEPOWER-JHW350R41 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JHW350R41Z LINEAGEPOWER-JHW350R41Z Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results

Similar Description - JHW250S30R21-18TZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
SSQE48T07120 BEL-SSQE48T07120 Datasheet
709Kb / 14P
   36-75 VDC Input; 12 VDC @ 7 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
SQE48T40018 BEL-SQE48T40018 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.8 VDC @ 40 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com