Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHW350R1 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # JHW350R1
Description  18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JHW350R1 Datasheet(HTML) 3 Page - Lineage Power Corporation

  JHW350R1 Datasheet HTML 1Page - Lineage Power Corporation JHW350R1 Datasheet HTML 2Page - Lineage Power Corporation JHW350R1 Datasheet HTML 3Page - Lineage Power Corporation JHW350R1 Datasheet HTML 4Page - Lineage Power Corporation JHW350R1 Datasheet HTML 5Page - Lineage Power Corporation JHW350R1 Datasheet HTML 6Page - Lineage Power Corporation JHW350R1 Datasheet HTML 7Page - Lineage Power Corporation JHW350R1 Datasheet HTML 8Page - Lineage Power Corporation JHW350R1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
March 26, 2008
JHC/JHW350 Power Module; dc-dc Converter
18 – 36Vdc or 36 – 75Vdc Input; 28Vdc Output; 350W
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=IO, max, Tc =25°C)
R
VO, set
27.5
28
28.5
Vdc
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
R
VO
27.16
28.84
Vdc
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
0.02
0.1
%Vo
Load (IO=IO, min to IO, max)
All
0.05
0.2
%Vo
Temperature (Tc = -40°C to +100°C)
All
100
300
mV
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max, CO=CO,min)
RMS (5Hz to 20MHz bandwidth)
All
27
40
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
45
150
mVpk-pk
External Capacitance
(type electrolytic)
All
CO, max
1000
3600
μF
Output Current
R
Io
0
12.5
Adc
Output Current Limit Inception
R
IO, lim
13.5
Adc
Efficiency
VIN=VIN, nom, Tc=25°C
IO=IO, max , VO= VO,set
JHC350R
JHW350R
η
η
92.5
93.5
%
%
Switching Frequency
All
fsw
350
kHz
Dynamic Load Response
(
ΔIo/Δt=1A/10μs; Vin=Vin,nom; Tc=25°C; Tested
with a 330 μF aluminum and a 1.0 μF tantalum
capacitor across the load.)
All
Vpk
2
%VO, set
Load Change from Io= 50% to 75% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
__
500
__
μs
Load Change from Io= 75% to 50% of Io,max:
Peak Deviation
All
Vpk
__
2
__
%VO, set
Settling Time (Vo<10% peak deviation)
All
ts
500
μs


Similar Part No. - JHW350R1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
JHW250S30R21-18TZ LINEAGEPOWER-JHW250S30R21-18TZ Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
More results

Similar Description - JHW350R1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com