Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC006A6A1-SZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # HC006A6A1-SZ
Description  18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HC006A6A1-SZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button HC006A6A1-SZ Datasheet HTML 2Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 3Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 4Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 5Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 6Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 7Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 8Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 9Page - Lineage Power Corporation HC006A6A1-SZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
May 16, 2008
HC006/010 Series DC-DC Power Module:
18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the HC010A0F (3.3V, 10A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
70
74
78
82
86
90
94
02
46
8
10
VIN = 18V
VIN = 24V
VIN = 36V
0
2
4
6
8
10
12
20
30
40
50
60
70
80
90
1.0m/s (200 LFM )
NC
0.5m/s (100 LFM )
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 1. Converter Efficiency versus Output Current
Figure 4. Derating Output Current versus Local
Ambient Temperature and Airflow
TIME, t (1
μs/div)
TIME, t (20ms/div)
Figure 2. Typical Output Ripple and Noise.
Figure 5. Typical Start-Up with application of Vin (VIN
=24Vdc, Io = 10A).
TIME, t (100
μs/div)
TIME, t (20ms/div)
Figure 3. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
Figure 6. Typical Start-Up Using Remote On/Off,
negative logic version shown.


Similar Part No. - HC006A6A1-SZ

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC00 SLS-HC00 Datasheet
40Kb / 4P
   Quad 2-Input NAND Gate
logo
Advanced Crystal Techno...
HC00003ABBHEPC-PE ACT-HC00003ABBHEPC-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABBHEPL-PE ACT-HC00003ABBHEPL-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABCHEPC-PE ACT-HC00003ABCHEPC-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABCHEPL-PE ACT-HC00003ABCHEPL-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
More results

Similar Description - HC006A6A1-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
logo
Galaxy Power, Inc.
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Wall Industries,Inc.
DCBOA-48S05UW5 WALL-DCBOA-48S05UW5 Datasheet
274Kb / 4P
   5VDC Single Output
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Lineage Power Corporati...
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com