Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNW500R64-18 Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # FNW500R64-18
Description  36 - 75 Vdc Input; 28Vdc Output; 500W Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FNW500R64-18 Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button FNW500R64-18 Datasheet HTML 5Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 6Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 7Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 8Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 9Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 10Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 11Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 12Page - Lineage Power Corporation FNW500R64-18 Datasheet HTML 13Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
September 8, 2008
FNW500R Power Modules; DC-DC Converters
36 – 75 Vdc Input; 28Vdc Output; 500W Output
LINEAGE POWER
11
Mechanical Outline for Through-Hole Module
Dimensions are in millimeters and [inches].
Tolerances: x.x mm
± 0.5 mm [x.xx in. ± 0.02 in.] (Unless otherwise indicated)
x.xx mm
± 0.25 mm [x.xxx in ± 0.010 in.]
TOP VIEW
SIDE VIEW
BOTTOM
VIEW
Pin
Description
Pin
Description
Pin
Description
Pin
Description
1
Vin –
5
Vo+
9
Vo-
13
Trim
2
Vin +
6
Vo+
10
Vo-
14
N/A
3
- On/Off
7
Vo+
11
Sense (-)
15
Power Good
4
+On/Off
8
Vo-
12
Sense (+)
16
Aux Power


Similar Part No. - FNW500R64-18

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNW-30 COOPER-FNW-30 Datasheet
60Kb / 2P
   Indicating Fuse Covers
logo
Lineage Power Corporati...
FNW700R4 LINEAGEPOWER-FNW700R4 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
FNW700R64 LINEAGEPOWER-FNW700R64 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
More results

Similar Description - FNW500R64-18

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
SSQE48T07120 BEL-SSQE48T07120 Datasheet
709Kb / 14P
   36-75 VDC Input; 12 VDC @ 7 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com