Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLTR75V055Z Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # FLTR75V055Z
Description  75 Vdc Input Maximum, 5 A Maximum
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FLTR75V055Z Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button FLTR75V055Z Datasheet HTML 5Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 6Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 7Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 8Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 9Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 10Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 11Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 12Page - Lineage Power Corporation FLTR75V055Z Datasheet HTML 13Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Lineage Power
11
Data Sheet
October 2009
75 Vdc Input Maximum, 5 A Maximum
FLTR75V05 Filter Module
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
Tolerances: x.xx ± 0.50 mm (0.02 in.), x.xxx ± 0.250 mm (0.010 in.).
Note: Do not route copper paths beneath power module standoffs.
1-0119
19.81
(0.780)
9.91
(0.390)
VI(-)
VI(+)
VO(+)
VO(-)
GND
19.81
(0.780)
2.8
(0.11)
STANDOFFS,
4 PLACES


Similar Part No. - FLTR75V055Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLTR100V10 LINEAGEPOWER-FLTR100V10 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V10-62 LINEAGEPOWER-FLTR100V10-62 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V10-62Z LINEAGEPOWER-FLTR100V10-62Z Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V10Z LINEAGEPOWER-FLTR100V10Z Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V20 LINEAGEPOWER-FLTR100V20 Datasheet
478Kb / 12P
   75 Vdc Input Maximum, 20 A Maximum
More results

Similar Description - FLTR75V055Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLTR100V20 LINEAGEPOWER-FLTR100V20 Datasheet
478Kb / 12P
   75 Vdc Input Maximum, 20 A Maximum
FLTR100V10 LINEAGEPOWER-FLTR100V10 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
logo
Bel Fuse Inc.
SSQE48T07050 BEL-SSQE48T07050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 7 A Output
SSQE48T13050 BEL-SSQE48T13050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 13 A, 65 W Output
SSQE48T25025 BEL-SSQE48T25025 Datasheet
837Kb / 14P
   36-75 VDC Input; 2.5 VDC @ 25 A
logo
JMK Inc.
KK-1364-50 JMK-KK-1364-50 Datasheet
246Kb / 1P
   Operating voltage = 48 Vdc Maximum sustained input voltage = 400 Vdc
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
0RCY-60U12C BEL-0RCY-60U12C Datasheet
750Kb / 18P
   18 - 75 VDC Input 12 VDC / 7 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com