Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HW010A0F1Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # HW010A0F1Z
Description  36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HW010A0F1Z Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button HW010A0F1Z Datasheet HTML 3Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 4Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 5Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 6Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 7Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 8Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 9Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 10Page - Lineage Power Corporation HW010A0F1Z Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Lineage Power
7
Data Sheet
June 26, 2009
36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
HW006/010/012 Series Power Modules; dc-dc Converters
Characteristic Curves
The following figures provide typical characteristics curves for the HW012A0M1 (VO = 1.5 V) module at room temperature (TA =
25 °C)
Figure 7. Input Voltage and Current Characteristics.
Figure 8. Converter Efficiency vs. Output Current.
Figure 9.
Output Ripple Voltage (IO = IO, max).
Figure 10. Transient Response to Step Decrease in
Load from 50% to 25% of Full Load
(VI = 48 Vdc).
Figure 11.
Transient Response to Step Increase in Load
from 50% to 75% of Full Load
(VI = 48 Vdc).
Figure 12. Start-up from Remote On/Off (IO = IO, max).
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
25
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE, VI (V)
IO = 12A
IO = 6A
IO = 0.15A
70
72
74
76
78
80
82
84
86
88
90
02
46
8
10
12
OUTPUT CURRENT, IO (A)
VI = 36V
VI = 48V
VI = 75V
TIME, t (1 µs/div)
TIME, t (200 ms/div)
TIME, t (200 ms/div)
TIME, t (10 ms/div)


Similar Part No. - HW010A0F1Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW010 ETC2-HW010 Datasheet
892Kb / 1P
   1/2 WATT METAL
HW010 ETC2-HW010 Datasheet
892Kb / 1P
   1/2 WATT METAL
More results

Similar Description - HW010A0F1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Bel Fuse Inc.
SSQE48T07050 BEL-SSQE48T07050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 7 A Output
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
logo
Bel Fuse Inc.
SSQE48T13050 BEL-SSQE48T13050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 13 A, 65 W Output
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com