Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQW020A0F1-SZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # EQW020A0F1-SZ
Description  36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW020A0F1-SZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  EQW020A0F1-SZ Datasheet HTML 1Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 2Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 3Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 4Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 5Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 6Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 7Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 8Page - Lineage Power Corporation EQW020A0F1-SZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
December 12, 2008
EQW012/020/023/025 Series, Eighth-Brick Power Modules:
36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low Specification
Remote On/Off Current – Logic Low
All
Ion/off
0.15
1.0
mA
On/Off Voltage:
Logic Low
All
Von/off
-0.7
1.2
V
Logic High – (Typ = Open Collector)
All
Von/off
15
V
Logic High maximum allowable leakage current
All
Ion/off
10
μA
Turn-On Delay and Rise Times
(VI =48Vdc, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is set to Logic high and then
input power is applied (delay from instant at
which VI = VI,min until Vo = 10% of Vo, set)
All
Tdelay
20
msec
Case 2: Input power is applied for at least one
second and then the On/Off input is set to logic high
(delay from instant at which Von/Off = 0.9V until Vo
= 10% of Vo, set)
All
Tdelay
12
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
0.9
msec
Output voltage overshoot
(Io = 80% of Io,max, VI = 48Vdc TA=25°C)
All
5
%VO, set
Output Voltage Remote Sense
1.2, 1.5,
1.8Vdc
0.25
Vdc
2.5, 3.3,
5.0 Vdc
10
%VO, set
Output Overvoltage Protectionn (Clamp)
1.2 Vdc
VO, limit
2.0
2.8
Vdc
1.5 Vdc
VO, limit
2.3
3.2
Vdc
1.8 Vdc
VO, limit
2.3
3.2
Vdc
2.5V dc
VO, limit
3.1
3.7
Vdc
3.3 Vdc
VO, limit
4.0
4.6
Vdc
5.0 Vdc
VO, limit
6.1
7.0
Vdc
Overtemperature Protection
All
Tref
125
°C
(See thermal section)
Input Undervoltage Lockout
Turn-on Threshold
All
32
36
Vdc
Turn-off Threshold
All
25
27
Vdc


Similar Part No. - EQW020A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW020A0A1-HZ LINEAGEPOWER-EQW020A0A1-HZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW020A0A1-SZ LINEAGEPOWER-EQW020A0A1-SZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW020A0A1Z LINEAGEPOWER-EQW020A0A1Z Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results

Similar Description - EQW020A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com