Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLT007A0Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # FLT007A0Z
Description  75Vdc Input Voltage Maximum, 7A Output Current Maximum
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FLT007A0Z Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button FLT007A0Z Datasheet HTML 3Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 4Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 5Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 6Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 7Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 8Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 9Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 10Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules
75Vdc Input Voltage Maximum, 7A Output Current Maximum
LINEAGE POWER
7
Thermal Considerations
Power modules operate in a variety of thermal
environments; however, sufficient cooling should
always be provided to help ensure reliable operation.
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of
the module will result in an increase in reliability. The
thermal data presented here is based on physical
measurements taken in a wind tunnel. The test set-
up is shown in Fig. 10. Note that the airflow is parallel
to the long axis of the module as shown in Fig. 10.
Air
flow
x
Power Module
Wind Tunnel
PWBs
12.7_
(0.50)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)
Figure 10. Thermal Test Set-up.
The thermal reference point, Tref used in the
specifications is shown in Figure 11. For reliable
operation this temperature should not exceed 125
oC.
The output power of the module should not exceed
the rated output current of the module.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules” for a detailed discussion of
thermal aspects including maximum device
temperatures.
Figure 11. Tref Temperature measurement
location.


Similar Part No. - FLT007A0Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLT012A0 LINEAGEPOWER-FLT012A0 Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
FLT012A0SZ LINEAGEPOWER-FLT012A0SZ Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
FLT012A0Z LINEAGEPOWER-FLT012A0Z Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
logo
DB Lectro Inc
FLT070 DBLECTRO-FLT070 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
More results

Similar Description - FLT007A0Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLT012A0 LINEAGEPOWER-FLT012A0 Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
Delta Electronics, Inc.
FL75L07 DELTA-FL75L07 Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
logo
Integrated Device Techn...
ICS853S057I IDT-ICS853S057I Datasheet
852Kb / 16P
   Maximum input/output frequency
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com