Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5335AC-C510-VTS Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # DL-5335AC-C510-VTS
Description  Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5335AC-C510-VTS Datasheet(HTML) 4 Page - Optoway Technology Inc

  DL-5335AC-C510-VTS Datasheet HTML 1Page - Optoway Technology Inc DL-5335AC-C510-VTS Datasheet HTML 2Page - Optoway Technology Inc DL-5335AC-C510-VTS Datasheet HTML 3Page - Optoway Technology Inc DL-5335AC-C510-VTS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
DL-53X8AC-CXX0
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2008/6/1


Similar Part No. - DL-5335AC-C510-VTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5335AC-HFAS OPTOWAY-DL-5335AC-HFAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-5335AC-HFAS OPTOWAY-DL-5335AC-HFAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5335AC-HFS OPTOWAY-DL-5335AC-HFS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-5335AC-HFS OPTOWAY-DL-5335AC-HFS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5335AC-HLAS OPTOWAY-DL-5335AC-HLAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
More results

Similar Description - DL-5335AC-C510-VTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-53X8AW-CXX0 OPTOWAY-DL-53X8AW-CXX0 Datasheet
92Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
DL-53X8AR-CXX0 OPTOWAY-DL-53X8AR-CXX0 Datasheet
93Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5338AR-CXX0 OPTOWAY-DL-5338AR-CXX0 Datasheet
88Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-53X8AC OPTOWAY-DL-53X8AC Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-3338AC OPTOWAY-DL-3338AC Datasheet
91Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0_09 Datasheet
81Kb / 4P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com