Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41042A5686M016 Datasheet(PDF) 3 Page - EPCOS

Part # B41042A5686M016
Description  Aluminum electrolytic capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41042A5686M016 Datasheet(HTML) 3 Page - EPCOS

  B41042A5686M016 Datasheet HTML 1Page - EPCOS B41042A5686M016 Datasheet HTML 2Page - EPCOS B41042A5686M016 Datasheet HTML 3Page - EPCOS B41042A5686M016 Datasheet HTML 4Page - EPCOS B41042A5686M016 Datasheet HTML 5Page - EPCOS B41042A5686M016 Datasheet HTML 6Page - EPCOS B41042A5686M016 Datasheet HTML 7Page - EPCOS B41042A5686M016 Datasheet HTML 8Page - EPCOS B41042A5686M016 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Single-ended capacitors
B41042
Low impedance – 105
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
6.3 ... 80 V DC
Operating temp. range
–55
°C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
0.47 … 15000
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
2000 h for d = 5 ... 6.3 mm
3000 h for d = 8 mm
5000 h for d
≥ 10 mm
Requirements:
∆C/C ≤ ±25% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 1 minute)
Dissipation factor (max.)
(20
°C, 120 Hz)
For capacitance higher than 1000
µF add 0.02 for every increase of
1000
µF.
VR (V DC)
6.3
10
16
25
35
506380
tan
δ
0.22
0.19
0.16
0.14
0.12
0.10 0.09 0.08
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3 … 10
16 … 35
50 … 80
43
2
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the require-
ment of load life test after reforming process. After test: VR to be applied
for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier for
rated ripple current
50 Hz 120 Hz 500 Hz 1 kHz 10 kHz 100 kHz
0.47 … 27
µF 0.40 0.55
0.65
0.80
0.90
1.00
33 … 330
µF 0.60 0.70
0.80
0.90
0.95
1.00
390 … 1000
µF 0.65 0.80
0.85
0.98
1.00
1.00
1200
µF
0.80
0.90
0.95
0.98
1.00
1.00
Temperature multiplier
for rated ripple current
+70
°C
+85
°C
+105
°C
1.96
1.68
1.00
Ileak 0.03 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ or 4 µA
Z55 °C
()
Z+20 °C
()
---------------------------


Similar Part No. - B41042A5686M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41042A5686M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com