Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUE200B41 Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # EUE200B41
Description  42-55/42-58Vdc Input; 12Vdc Output; 200/120W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EUE200B41 Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button EUE200B41 Datasheet HTML 5Page - Lineage Power Corporation EUE200B41 Datasheet HTML 6Page - Lineage Power Corporation EUE200B41 Datasheet HTML 7Page - Lineage Power Corporation EUE200B41 Datasheet HTML 8Page - Lineage Power Corporation EUE200B41 Datasheet HTML 9Page - Lineage Power Corporation EUE200B41 Datasheet HTML 10Page - Lineage Power Corporation EUE200B41 Datasheet HTML 11Page - Lineage Power Corporation EUE200B41 Datasheet HTML 12Page - Lineage Power Corporation EUE200B41 Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
March 19, 2009
EUE Series DC-DC Power Modules:
42-55/42-58Vdc Input; 12Vdc Output; 200/120W
LINEAGE POWER
9
Test Configurations
Note: Measure input reflected-ripple current with a simulated
source inductance (LTEST) of 12 µH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
Figure 17. Input Reflected Ripple Current Test
Setup.
Note: Use a 1.0 µF ceramic capacitor and a 10 µF aluminum
or tantalum capacitor. Scope measurement should be made
using a BNC socket. Position the load between 51 mm and
76 mm (2 in. and 3 in.) from the module.
Figure 18. Output Ripple and Noise Test Setup.
LOAD
CONTACT AND
SUPPLY
II
CONTACT
VI(+)
VI(–)
VO1
DISTRIBUTION LOSSES
RESISTANCE
IO
VO2
Note: All measurements are taken at the module terminals.
When socketing, place Kelvin connections at module
terminals to avoid measurement errors due to socket contact
resistance.
Figure 19. Output Voltage and Efficiency Test
Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and
separation requirements of the end-use safety agency
standard, i.e., UL60950-1, CSA C22.2 No. 60950-1-
03, EN60950-1 and VDE 0805:2001-12.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements.
For all input voltages, other than DC MAINS, where
the input voltage is less than 60V dc, if the input
meets all of the requirements for SELV, then:
The output may be considered SELV. Output
voltages will remain within SELV limits even with
internally-generated non-SELV voltages. Single
component failure and fault tests were performed
in the power converters.
One pole of the input and one pole of the output
are to be grounded, or both circuits are to be kept
floating, to maintain the output voltage to ground
voltage within ELV or SELV limits.
If the input meets extra-low voltage (ELV)
requirements, then the converter’s output is
considered ELV
All flammable materials used in the manufacturing of
these modules are rated 94V-0, or tested to the
UL60950 A.2 for reduced thickness.
The input to these units is to be provided with a
maximum 10A fast-acting fuse in the unearthed lead.


Similar Part No. - EUE200B41

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EUEA18-20.000M-GA ECLIPTEK-EUEA18-20.000M-GA Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-GTR ECLIPTEK-EUEA18-20.000M-GTR Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-I2A ECLIPTEK-EUEA18-20.000M-I2A Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-I2TR ECLIPTEK-EUEA18-20.000M-I2TR Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-L2A ECLIPTEK-EUEA18-20.000M-L2A Datasheet
89Kb / 2P
   CRYSTAL
More results

Similar Description - EUE200B41

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
logo
Wall Industries,Inc.
DTEM10601 WALL-DTEM10601 Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
logo
Astec America, Inc
DTX42K48 ASTEC-DTX42K48 Datasheet
112Kb / 2P
   42 Amps
logo
TRIAD MAGNETICS
SP-42 TRIAD-SP-42 Datasheet
55Kb / 1P
   SP-42
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
List of Unclassifed Man...
W42 ETC1-W42 Datasheet
66Kb / 1P
   42 Watt Multiple Output Regulated Power Supplies
44235 ETC1-44235 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com