Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43305A5477M002 Datasheet(PDF) 11 Page - EPCOS

Part # B43305A5477M002
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305A5477M002 Datasheet(HTML) 11 Page - EPCOS

Back Button B43305A5477M002 Datasheet HTML 7Page - EPCOS B43305A5477M002 Datasheet HTML 8Page - EPCOS B43305A5477M002 Datasheet HTML 9Page - EPCOS B43305A5477M002 Datasheet HTML 10Page - EPCOS B43305A5477M002 Datasheet HTML 11Page - EPCOS B43305A5477M002 Datasheet HTML 12Page - EPCOS B43305A5477M002 Datasheet HTML 13Page - EPCOS B43305A5477M002 Datasheet HTML 14Page - EPCOS B43305A5477M002 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
3) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R3)
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
68
22
× 25
1990
2690
1.28
0.65
B43305A9686M0*#
82
22
× 25
1650
2230
1.41
0.72
B43305A9826M0*#
100
22
× 25
1360
1830
1.55
0.79
B43305A9107M0*#
120
22
× 25
1130
1530
1.70
0.87
B43305A9127M0*#
150
22
× 30
900
1220
1.98
1.01
B43305A9157M0*#
180
22
× 30
750
1020
2.17
1.11
B43305A9187M0*#
180
25
× 25
750
1020
2.18
1.11
B43305B9187M0*#
220
22
× 35
620
830
2.49
1.27
B43305A9227M0*#
220
25
× 30
620
830
2.51
1.28
B43305B9227M0*#
270
22
× 45
500
680
2.92
1.49
B43305A9277M0*#
270
25
× 35
500
680
2.89
1.47
B43305B9277M0*#
270
30
× 25
500
680
2.79
1.42
B43305C9277M0*#
330
22
× 50
410
560
3.31
1.69
B43305A9337M0*#
330
25
× 40
410
560
3.29
1.68
B43305B9337M0*#
330
30
× 30
410
560
3.22
1.64
B43305C9337M0*#
330
35
× 25
410
560
3.04
1.55
B43305D9337M0*#
390
25
× 45
350
470
3.68
1.87
B43305A9397M0*#
390
30
× 35
350
470
3.62
1.85
B43305B9397M0*#
390
35
× 30
350
470
3.67
1.87
B43305C9397M0*#
470
25
× 50
290
390
4.14
2.11
B43305A9477M0*#
470
30
× 40
290
390
4.37
2.23
B43305B9477M0*#
470
35
× 30
290
390
4.03
2.05
B43305C9477M0*#
560
30
× 45
240
330
4.91
2.50
B43305A9567M0*#
560
35
× 35
240
330
4.56
2.32
B43305B9567M0*#
680
30
× 50
200
270
5.55
2.83
B43305A9687M0*#
680
35
× 40
200
270
5.18
2.64
B43305B9687M0*#
820
30
× 55
170
230
6.23
3.18
B43305A9827M0*#
820
35
× 45
170
230
5.85
2.98
B43305B9827M0*#
1000
35
× 50
140
190
6.63
3.38
B43305A9108M0*#
B43305
Ultra compact
85
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43305A5477M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43305A5477M007 EPCOS-B43305A5477M007 Datasheet
1,011Kb / 17P
   General-purpose grade capacitors
More results

Similar Description - B43305A5477M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com