Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQW010A0B1 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # EQW010A0B1
Description  36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW010A0B1 Datasheet(HTML) 5 Page - Lineage Power Corporation

  EQW010A0B1 Datasheet HTML 1Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 2Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 3Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 4Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 5Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 6Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 7Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 8Page - Lineage Power Corporation EQW010A0B1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
March 4, 2009
EQW010-040 Series Power Modules
36 – 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
1.2
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
5
Vdc
Logic High maximum allowable leakage current
All
Ion/off
10
μA
Turn-On Delay and Rise Times
(IO=IO, max , VIN=VIN, nom, TA = 25
oC)
Case 1: On/Off input is set to Logic Low (Module
ON) and then input power is applied (Tdelay from
instant at which VIN = VIN, min until Vo=10% of VO,set)
All
B*
Tdelay
Tdelay
10
25
20
30
msec
msec
Case 2: Input power is applied for at least 1 second
and then the On/Off input is set from OFF to ON (Tdelay =
from instant at which VIN=VIN, min until VO = 10% of VO, set).
All
B*
Tdelay
Tdelay
5
25
10
30
msec
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
8
12
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set with max ext capacitance)
All
Trise
8
12
msec
Output voltage overshoot – Startup
IO= IO, max; VIN=VIN, min to VIN, max, TA = 25
oC
All
3
% VO, set
Remote Sense Range
G, Y, M,
P, S1R0
VSENSE
0.25
Vdc
(Max voltage drop is 0.5V)
B*, A, F
VSENSE
10
% VO, set
Output Voltage Adjustment Range
All*
80
110
% VO, set
Output Overvoltage Protection
B
VO, limit
14
16
Vdc
A
VO, limit
5.7
6.5
Vdc
F
VO, limit
3.8
4.6
Vdc
G
VO, limit
2.9
3.4
Vdc
Y
VO, limit
2.3
2.6
Vdc
M
VO, limit
1.8
2.2
Vdc
P
VO, limit
1.4
1.6
Vdc
S1R0
VO, limit
1.2
1.4
Vdc
Input Undervoltage Lockout
All
VUVLO
Turn-on Threshold
30
34.5
36
Vdc
Turn-off Threshold
30
32
Vdc
Hysterisis
2
3.5
Vdc
Input Overvoltage Lockout
All
VOVLO
Turn-on Threshold
80
Vdc
Turn-off Threshold
75
79
83
Vdc
Hysterisis
2
3.5
Vdc
* Note: 12.0VO (B) device codes have an adaptable extended Turn-On Delay interval, Tdelay, as specified for B* devices. The extended Tdelay will occur
when a 12VO module restarts following either 1) the rapid cycling of Vin from normal levels to less than the Input Undervoltage Lockout and then back
to normal; or 2) toggling the on/off signal from on to off and back to on without removing the input voltage. The normal Turn-On Delay interval, Tdelay,
as specified for All Devices, will occur whenever a 12VO module restarts with input voltage removed from the module for the preceding 1 second.
12.0VO (B) also achieves +10% VO, set Remote Sense drop or trim up to 110% VO, set only above Vin = 40Vdc.


Similar Part No. - EQW010A0B1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW012A0A1 LINEAGEPOWER-EQW012A0A1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1-S LINEAGEPOWER-EQW012A0A1-S Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1-SZ LINEAGEPOWER-EQW012A0A1-SZ Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1Z LINEAGEPOWER-EQW012A0A1Z Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
More results

Similar Description - EQW010A0B1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com