Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQD075A41Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # EQD075A41Z
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQD075A41Z Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button EQD075A41Z Datasheet HTML 3Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 4Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 5Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 6Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 7Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 8Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 9Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 10Page - Lineage Power Corporation EQD075A41Z Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 Series Single Output: Eighth Brick Power Modules:
18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
7
Characteristic Curves (continued)
The following figures provide typical characteristics for EQD075A at TA = 25
O C
0
1
2
3
4
5
6
15
25
35
45
55
65
Io = 0A
Io = 7.5A
Io = 15A
INPUT VOLTAGE, VIN (V)
TIME, t (5 ms/div)
Figure7. Typical Input characteristics at room
temperature (Vo = 5V).
Figure 10. Typical Start-Up Characteristics from
Remote ON/OFF (Vo = 5V, Io = 15A, Vin = 48V)
70
75
80
85
90
95
0
5
10
15
Vin = 18V
Vin = 24V
Vin = 48V
Vin = 60V
OUTPUT CURRENT, IO (A)
TIME, t (0.2ms/div)
Figure 8. Typical Converter Efficiency versus Output
Current at room temperature (Vo = 5V).
Figure 11. Transient Response to a Dynamic Load
Change from 50% to 75% to 50% of full load
(5V@15A) at Vin =48V.
TIME, t (1
μs/div)
TIME, t (0.2ms/div)
Figure 9. Typical Output Ripple and Noise at Vo = 5V
and Io = 15A.
Figure 12. Transient Response to a Dynamic Load
Change from 50% to 75% to 50% of full load
(5V@15A) at Vin =24V.


Similar Part No. - EQD075A41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQD020A0F LINEAGEPOWER-EQD020A0F Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F41 LINEAGEPOWER-EQD020A0F41 Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F641 LINEAGEPOWER-EQD020A0F641 Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F641-HZ LINEAGEPOWER-EQD020A0F641-HZ Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F641Z LINEAGEPOWER-EQD020A0F641Z Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
More results

Similar Description - EQD075A41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
logo
Galaxy Power, Inc.
GAQW5V020 GALAXY-GAQW5V020 Datasheet
805Kb / 7P
   48V Input, 5.0VDC, 20A Output
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
NSR060A0X43Z LINEAGEPOWER-NSR060A0X43Z Datasheet
777Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
EUK240S9R041Z LINEAGEPOWER-EUK240S9R041Z Datasheet
632Kb / 13P
   36 - 60Vdc input; 9.6Vdc Output; 240W
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com