Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66301B1006T001 Datasheet(PDF) 2 Page - EPCOS

Part # B66301B1006T001
Description  Ferrites and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66301B1006T001 Datasheet(HTML) 2 Page - EPCOS

  B66301B1006T001 Datasheet HTML 1Page - EPCOS B66301B1006T001 Datasheet HTML 2Page - EPCOS B66301B1006T001 Datasheet HTML 3Page - EPCOS B66301B1006T001 Datasheet HTML 4Page - EPCOS B66301B1006T001 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 61246
For miniature transformers, e.g. DC/DC
converters for surface mounting
Available with SMD coil former
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 3.7 mm–1
le
= 12.2 mm
Ae
= 3.3 mm2
Amin = 2.6 mm2
Ve
= 40.3 mm3
Approx. weight 0.12 g/set
Ungapped
Material
AL value
nH
µ
e
Ordering code
N87
380 +30/–20%
1120
B66300G0000X187
N30
700 +40/–30%
2059
B66300G0000X130
T38
1700 +40/–30%
4990
B66300G0000X138
FEK0361-H
6,3
2
1,4
3,6+0,2
0,1
_
0,1
_
0,25
_
B66300
Core
E 6.3


Similar Part No. - B66301B1006T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66301B1006T001 EPCOS-B66301B1006T001 Datasheet
187Kb / 8P
   Ferrites and accessories
More results

Similar Description - B66301B1006T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com