Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQW025A0P1 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # EQW025A0P1
Description  36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW025A0P1 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button EQW025A0P1 Datasheet HTML 2Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 3Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 4Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 5Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 6Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 7Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 8Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 9Page - Lineage Power Corporation EQW025A0P1 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
December 12, 2008
EQW012/020/023/025 Series, Eighth-Brick Power Modules:
36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the EQW025A0P1 (1.2V, 25A) at 25ºC. The figures are
identical for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
0
5
10
15
20
25
Vin=75V
Vin=36V
Vin=48V
0
3
6
9
12
15
18
21
24
27
20
30
40
50
60
70
80
90
200 LFM
300 LFM
400 LFM
NC
100 LFM
OUTPUT CURRENT, Io (A)
AMBIENT TEMPERATURE, TA
OC
Figure 1. Typical Converter Efficiency Vs. Output
current at Room Temperature.
Figure 4. . Derating Output Current versus Local
Ambient Temperature and Airflow
TIME, t (1
μs/div)
TIME, t (5ms/div)
Figure 2. Typical Output Ripple and Noise (Vin
=48Vdc, Io = 25A).
Figure 5. Typical Start-Up with application of Vin (Vin =
48Vdc, Io = 25A).
TIME, t (100
μs/div)
TIME, t (5ms/div)
Figure 3. Typical Transient Response to Dynamic
Load change Load from 50% to 75% to 50% of Full
load at 48 Vdc Input.
Figure 6. Typical Start-Up Using Remote On/Off,
negative logic version shown (Vin = 48Vdc, Io = 25A).


Similar Part No. - EQW025A0P1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW020A0A1-HZ LINEAGEPOWER-EQW020A0A1-HZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW020A0A1-SZ LINEAGEPOWER-EQW020A0A1-SZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW020A0A1Z LINEAGEPOWER-EQW020A0A1Z Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results

Similar Description - EQW025A0P1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com