Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQD075A641 Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # EQD075A641
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQD075A641 Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button EQD075A641 Datasheet HTML 7Page - Lineage Power Corporation EQD075A641 Datasheet HTML 8Page - Lineage Power Corporation EQD075A641 Datasheet HTML 9Page - Lineage Power Corporation EQD075A641 Datasheet HTML 10Page - Lineage Power Corporation EQD075A641 Datasheet HTML 11Page - Lineage Power Corporation EQD075A641 Datasheet HTML 12Page - Lineage Power Corporation EQD075A641 Datasheet HTML 13Page - Lineage Power Corporation EQD075A641 Datasheet HTML 14Page - Lineage Power Corporation EQD075A641 Datasheet HTML 15Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 Series Single Output: Eighth Brick Power Modules:
18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
11
Feature Descriptions (continued)
Output Voltage Programming
The output voltage is adjustable between 3.0 to 5.5V
(A version). A resistor placed between the Trim pin
and Sense (+) increases the output voltage and a
resistor placed between the Trim pin and Sense (-)
decreases the output voltage. Figure 22 shows the
circuit configuration using an external resistor. The
trim resistor should be positioned close to the module.
If the trim pin is not used then the pin shall be left
open. If no trim resistor is connected, for the A
version, the output voltage will be 5V.
The following equations determine the required
external resistor value to obtain a percentage output
voltage change of Δ%.
To decrease output voltage set point:
Ω
Δ
=
K
R
down
trim
2
.
10
%
510
Where,
100
%
,
,
×
=
Δ
nom
o
desired
nom
o
V
V
V
Vdesired = Desired output voltage set point (V).
To increase the output voltage set point
(
)
Ω
Δ
Δ
Δ
+
=
K
V
R
nom
o
up
trim
2
.
10
%
510
%
*
225
.
1
%
100
*
*
1
.
5
,
Although the output voltage can be increased by both
the remote sense and by the trim, the maximum
increase for the output voltage is not the sum of both.
The maximum absolute increase in output voltage,
due to simultaneous remote sense and trim
increases, shall not exceed the larger of the specified
individual remote sense or trim maximum limits shown
in the Features Specifications table.
VO(+)
TRIM
VO(-)
Rtrim-down
LOAD
VIN(+)
ON/OFF
VIN(-)
Rtrim-up
SENSE (+)
SENSE (-)
Figure 22. Circuit Configuration to program output
voltage using an external resistor.
Pre-Bias Immunity
The modules are able to start into a pre-biased output
with a monotonic rise of the output voltage. During
shutdown an internal feature implemented in the
module ensures there will be no reverse current.
Thermal Considerations
Power modules operate in a variety of thermal
environments; however, sufficient cooling should be
provided to help ensure reliable operation.
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of
the module will result in an increase in reliability. The
thermal data is based on physical measurements
taken in a wind tunnel. The test set-up is shown in
Figure 23.
The thermal reference point, Tref, used in the
specifications is shown in Figure 24. For reliable
operation, this temperature should not exceed 125
OC.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules” for a detailed discussion of
thermal aspects including maximum device
temperatures.
Figure 24. Tref Temperature Measurement
Location.
Air
flow
x
Power Module
Wind Tunnel
PWBs
6.55_
(0.258)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)
Figure 23. Thermal Test Set up.
Tref


Similar Part No. - EQD075A641

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQD020A0F LINEAGEPOWER-EQD020A0F Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F41 LINEAGEPOWER-EQD020A0F41 Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F641 LINEAGEPOWER-EQD020A0F641 Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F641-HZ LINEAGEPOWER-EQD020A0F641-HZ Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
EQD020A0F641Z LINEAGEPOWER-EQD020A0F641Z Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
More results

Similar Description - EQD075A641

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
logo
Galaxy Power, Inc.
GAQW5V020 GALAXY-GAQW5V020 Datasheet
805Kb / 7P
   48V Input, 5.0VDC, 20A Output
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
NSR060A0X43Z LINEAGEPOWER-NSR060A0X43Z Datasheet
777Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
EUK240S9R041Z LINEAGEPOWER-EUK240S9R041Z Datasheet
632Kb / 13P
   36 - 60Vdc input; 9.6Vdc Output; 240W
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com