Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS020A0X3-SRPHZ Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # ATS020A0X3-SRPHZ
Description  4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATS020A0X3-SRPHZ Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button ATS020A0X3-SRPHZ Datasheet HTML 4Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 5Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 6Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 7Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 8Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 9Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 10Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 11Page - Lineage Power Corporation ATS020A0X3-SRPHZ Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM SMT: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
LINEAGE POWER
8
Characteristic Curves
The following figures provide typical characteristics for the ATS030A0X3-SR and –SRH (1.8V, 30A) at 25
oC.
70
75
80
85
90
95
0
5
10
15
20
25
30
Vin = 12 V
Vin = 6 V
Vin = 14 V
0
5
10
15
20
25
30
35
35
45
55
65
75
85
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)
2.5m/s
(500LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 10. Converter Efficiency versus Output
Current.
Figure 13. Output Current Derating versus Ambient
Temperature and Airflow (ATS030A0X3-SRH).
0
5
10
15
20
25
30
35
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)
2.5m/s
(500LFM)
TIME, t (1
μs/div)
AMBIENT TEMPERATURE, TA
OC
Figure 11. Typical output ripple and noise (VIN =
VIN,NOM, Io = Io,max).
Figure 14. Output Current Derating versus Ambient
Temperature and Airflow (ATS030A0X3-SR).
TIME, t (20
μs /div)
TIME, t (5ms/div)
Figure 12. Transient Response to Dynamic Load
Change from 0% to 50% to 0% of full load with VIN
=12V.
Figure 15. Typical Start-up Using Input Voltage (VIN =
VIN,NOM, Io = Io,max).


Similar Part No. - ATS020A0X3-SRPHZ

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS020020002-MF-7A ATS-ATS020020002-MF-7A Datasheet
420Kb / 1P
   20.00 x 20.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS020020002-PF-7A ATS-ATS020020002-PF-7A Datasheet
390Kb / 1P
   20.00 x 20.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS020020002-SF-7A ATS-ATS020020002-SF-7A Datasheet
418Kb / 1P
   20.00 x 20.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS020020003-MF-7B ATS-ATS020020003-MF-7B Datasheet
420Kb / 1P
   20.00 x 20.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS020020003-PF-7B ATS-ATS020020003-PF-7B Datasheet
390Kb / 1P
   20.00 x 20.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
More results

Similar Description - ATS020A0X3-SRPHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH010A0X3 LINEAGEPOWER-AXH010A0X3 Datasheet
701Kb / 17P
   3.0Vdc - 5.5Vdc input; 0.75 to 3.63Vdc Output; 10A Output Current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com