Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHW007A0B41Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # EHW007A0B41Z
Description  36-75Vdc Input; 12.0Vdc Output; 7A Output Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EHW007A0B41Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button EHW007A0B41Z Datasheet HTML 6Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 7Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 8Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 9Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 10Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 11Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 12Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 13Page - Lineage Power Corporation EHW007A0B41Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
June 29, 2009
EHW007A0B Series Eighth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 7A Output Current
LINEAGE POWER
10
Thermal Considerations
(continued)
3
4
5
6
7
8
20
30
40
50
60
70
80
90
0.5 m/s
(100 LFM)
NC
AMBIENT TEMEPERATURE, TA (
oC)
Figure 18. Output Current Derating for the Module
with Heatplate and 1.0 in. heat sink; Airflow in the
Transverse Direction from Vout(+) to Vout(-); Vin
=48V.
Surface Mount Information
Pick and Place
The EHW007A0B modules use an open frame
construction and are designed for a fully automated
assembly process. The modules are fitted with a
label designed to provide a large surface area for pick
and place operations. The label meets all the
requirements for surface mount processing, as well as
safety standards, and is able to withstand reflow
temperatures of up to 300
oC. The label also carries
product information such as product code, serial
number and the location of manufacture.
Figure 17. Pick and Place Location.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, these
modules have a relatively large mass when compared
to conventional SMT components. Variables such as
nozzle size, tip style, vacuum pressure and placement
speed should be considered to optimize this process.
The minimum recommended nozzle diameter for
reliable operation is 6mm. The maximum nozzle outer
diameter, which will safely fit within the allowable
component spacing, is 9 mm.
Oblong or oval nozzles up to 11 x 9 mm may also be
used within the space available.
Tin Lead Soldering
The EHW007A0B power modules are lead free
modules and can be soldered either in a lead-free
solder process or in a conventional Tin/Lead (Sn/Pb)
process. It is recommended that the customer review
data sheets in order to customize the solder reflow
profile for each application board assembly. The
following instructions must be observed when
soldering these units. Failure to observe these
instructions may result in the failure of or cause
damage to the modules, and can adversely affect
long-term reliability.
In a conventional Tin/Lead (Sn/Pb) solder process
peak reflow temperatures are limited to less than
235
oC. Typically, the eutectic solder melts at 183oC,
wets the land, and subsequently wicks the device
connection. Sufficient time must be allowed to fuse
the plating on the connection to ensure a reliable
solder joint. There are several types of SMT reflow
technologies currently used in the industry. These
surface mount power modules can be reliably
soldered using natural forced convection, IR (radiant
infrared), or a combination of convection/IR. For
reliable soldering the solder reflow profile should be
established by accurately measuring the modules CP
connector temperatures.
0
50
100
150
200
250
300
Preheat zo ne
max 4oCs-1
So ak zo ne
30-240s
Heat zo ne
max 4oCs-1
Peak Temp 235oC
Coo ling
zone
1-4oCs-1
T
lim above
205oC
REFLOW TIME (S)
Figure 18. Reflow Profile for Tin/Lead (Sn/Pb)
process
200
205
210
215
220
225
230
235
240
0
1020
30
4050
60
Figure 19. Time Limit Curve Above 205
oC for
Tin/Lead (Sn/Pb) process


Similar Part No. - EHW007A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EHW015A0A41-HZ LINEAGEPOWER-EHW015A0A41-HZ Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EHW015A0A41-SZ LINEAGEPOWER-EHW015A0A41-SZ Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EHW015A0A41Z LINEAGEPOWER-EHW015A0A41Z Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results

Similar Description - EHW007A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com