Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS020A0X3-SR Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # ATS020A0X3-SR
Description  4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATS020A0X3-SR Datasheet(HTML) 2 Page - Lineage Power Corporation

  ATS020A0X3-SR Datasheet HTML 1Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 2Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 3Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 4Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 5Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 6Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 7Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 8Page - Lineage Power Corporation ATS020A0X3-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM SMT: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
Continuous
ATH
VIN
-0.3
6
Vdc
ATS
VIN
-0.3
15
Vdc
Sequencing pin voltage
ATH
VsEQ
-0.3
6
Vdc
ATS
VsEQ
-0.3
15
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
ATH
VIN
4.5
5.0
5.5
Vdc
ATS
VIN
6.0
12
14
Vdc
Maximum Input Current
ATH
IIN,max
27
Adc
(VIN= VIN,min , VO= VO,set, IO=IO, max)
ATS020
IIN,max
13.3
Adc
ATS030
IIN,max
15.8
Adc
Inrush Transient
All
I
2 t
1
A
2 s
Input Reflected Ripple Current, peak-to-
peak
(5Hz to 20MHz, 1μH source impedance;
VIN=6.0V to 14.0V, IO= IOmax ; See Figure 1)
All
100
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB


Similar Part No. - ATS020A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS020020002-MF-7A ATS-ATS020020002-MF-7A Datasheet
420Kb / 1P
   20.00 x 20.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS020020002-PF-7A ATS-ATS020020002-PF-7A Datasheet
390Kb / 1P
   20.00 x 20.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS020020002-SF-7A ATS-ATS020020002-SF-7A Datasheet
418Kb / 1P
   20.00 x 20.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS020020003-MF-7B ATS-ATS020020003-MF-7B Datasheet
420Kb / 1P
   20.00 x 20.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS020020003-PF-7B ATS-ATS020020003-PF-7B Datasheet
390Kb / 1P
   20.00 x 20.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
More results

Similar Description - ATS020A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH010A0X3 LINEAGEPOWER-AXH010A0X3 Datasheet
701Kb / 17P
   3.0Vdc - 5.5Vdc input; 0.75 to 3.63Vdc Output; 10A Output Current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com