Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43254A5686M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43254A5686M000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43254A5686M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B43254A5686M000 Datasheet HTML 2Page - EPCOS B43254A5686M000 Datasheet HTML 3Page - EPCOS B43254A5686M000 Datasheet HTML 4Page - EPCOS B43254A5686M000 Datasheet HTML 5Page - EPCOS B43254A5686M000 Datasheet HTML 6Page - EPCOS B43254A5686M000 Datasheet HTML 7Page - EPCOS B43254A5686M000 Datasheet HTML 8Page - EPCOS B43254A5686M000 Datasheet HTML 9Page - EPCOS B43254A5686M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Snap-in capacitors
B43254
Standard series – 105
°C
6
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
160
220
22
× 20
0.76
B43254A1227M000
270
22
× 25
0.91
B43254A1277M000
270
25.4
× 20
0.93
B43254B1277M000
330
22
× 25
1.01
B43254A1337M000
330
25.4
× 20
1.03
B43254B1337M000
390
22
× 25
1.09
B43254A1397M000
390
25.4
× 25
1.20
B43254B1397M000
390
30
× 20
1.23
B43254C1397M000
470
22
× 30
1.28
B43254A1477M000
470
25.4
× 25
1.32
B43254B1477M000
470
30
× 20
1.35
B43254C1477M000
560
22
× 35
1.48
B43254A1567M000
560
25.4
× 30
1.53
B43254B1567M000
560
30
× 25
1.57
B43254C1567M000
560
35
× 20
1.60
B43254D1567M000
680
22
× 40
1.72
B43254A1687M000
680
25.4
× 30
1.69
B43254B1687M000
680
30
× 25
1.73
B43254C1687M000
680
35
× 20
1.76
B43254D1687M000
820
22
× 45
1.98
B43254A1827M000
820
25.4
× 35
1.96
B43254B1827M000
820
30
× 30
2.02
B43254C1827M000
820
35
× 25
2.06
B43254D1827M000
1000
22
× 50
2.28
B43254A1108M000
1000
25.4
× 40
2.28
B43254B1108M000
1000
30
× 30
2.23
B43254C1108M000
1000
35
× 25
2.28
B43254D1108M000
1200
25.4
× 45
2.41
B43254A1128M000
1200
30
× 35
2.38
B43254B1128M000
1200
35
× 30
2.44
B43254C1128M000
1500
25.4
× 50
2.81
B43254A1158M000
1500
30
× 40
2.79
B43254B1158M000
1500
35
× 30
2.73
B43254C1158M000
1800
30
× 45
3.19
B43254A1188M000
1800
35
× 35
3.14
B43254B1188M000
2200
30
× 50
3.44
B43254A1228M000
2200
35
× 45
3.55
B43254B1228M000
2700
35
× 50
4.08
B43254A1278M000
AEC-C_B43254.book Seite 6 Mittwoch, 16. April 2008 1:53 13


Similar Part No. - B43254A5686M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43252 EPCOS-B43252 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0107M000 EPCOS-B43252A0107M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0127M000 EPCOS-B43252A0127M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0157M000 EPCOS-B43252A0157M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0187M000 EPCOS-B43252A0187M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B43254A5686M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com