Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH016A0X3Z Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # AXH016A0X3Z
Description  3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH016A0X3Z Datasheet(HTML) 4 Page - Lineage Power Corporation

  AXH016A0X3Z Datasheet HTML 1Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 2Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 3Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 4Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 5Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 6Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 7Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 8Page - Lineage Power Corporation AXH016A0X3Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules:
3.0 – 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
LINEAGE POWER
4
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Load Response
(dIo/dt=2.5A/
μs; V VIN = VIN, nom; TA=25°C)
All
Vpk
150
mV
Load Change from Io= 50% to 100% of Io,max;
Co = 2x150 μF polymer capacitors
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
100
μs
(dIo/dt=2.5A/
μs; VIN = VIN, nom; TA=25°C)
All
Vpk
150
mV
Load Change from Io= 100% to 50%of Io,max:
Co = 2x150 μF polymer capacitors
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
100
μs
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO=IO, max, TA=25°C)
6,800,000
Hours
Weight
5.6 (0.2)
g (oz.)


Similar Part No. - AXH016A0X3Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH016A0X3-SR12 LINEAGEPOWER-AXH016A0X3-SR12 Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH016A0X3-SR12Z LINEAGEPOWER-AXH016A0X3-SR12Z Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH016A0X3-SRZ LINEAGEPOWER-AXH016A0X3-SRZ Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
More results

Similar Description - AXH016A0X3Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com