Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH030A0X3-PZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ATH030A0X3-PZ
Description  4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH030A0X3-PZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  ATH030A0X3-PZ Datasheet HTML 1Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 2Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 3Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 4Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 5Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 6Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 7Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 8Page - Lineage Power Corporation ATH030A0X3-PZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 to 3.63Vdc output; 30A Output Current
6.0 – 14Vdc input; 0.8dc to 5.5Vdc output; 25A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS05-012 ver. 1.04
PDF Name: austin_megalynx_sip.pdf
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Features
Compliant to RoHS EU Directive 2002/95/EC (-
Z versions)
Compliant to ROHS EU Directive 2002/95/EC
with lead solder exemption (non-Z versions)
Delivers up to 30A of output current
High efficiency – 93% 3.3V full load (VIN=12Vdc)
Available in two input voltage ranges
ATH: 4.5 to 5.5Vdc
ATS: 6.0 to 14Vdc
Output voltage programmable from
ATH: 0.8 to 3.63Vdc
ATS: 0.8 to 5.5Vdc
Small size and low profile:
50.8 mm x 12.7 mm x 14.0 mm
2.00 in. x 0.50 in. x 0.55 in.
Monotonic start-up into pre-biased output
Output voltage sequencing (EZ-SEQUENCE
TM)
Remote On/Off
Remote Sense
Over current and Over temperature protection
Parallel operation with active current sharing
Wide operating temperature range (-40°C to
85°C)
UL* 60950 Recognized, CSA
C22.2 No.
60950-00 Certified, and VDE
0805 (EN60950-1
3
rd edition) Licensed
ISO** 9001 and ISO 14001 certified
manufacturing facilities
Description
The Austin MegaLynx series SIP power modules are non-isolated DC-DC converters in an industry standard
package that can deliver up to 30A of output current with a full load efficiency of 92% at 3.3Vdc output voltage (VIN =
12Vdc). The ATH series of modules operate off an input voltage from 4.5 to 5.5Vdc and provide an output voltage
that is programmable from 0.8 to 3.63Vdc, while the ATS series of modules have an input voltage range from 6 to
14V and provide a programmable output voltage ranging from 0.8 to 5.5Vdc. Both series have a sequencing feature
that enables designers to implement various types of output voltage sequencing when powering multiple modules
on the board. Additional features include remote On/Off, adjustable output voltage, remote sense, over current,
over temperature protection and active current sharing between modules.
RoHS Compliant


Similar Part No. - ATH030A0X3-PZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH030A0X3-SR LINEAGEPOWER-ATH030A0X3-SR Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
ATH030A0X3-SRH LINEAGEPOWER-ATH030A0X3-SRH Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
ATH030A0X3-SRHZ LINEAGEPOWER-ATH030A0X3-SRHZ Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
ATH030A0X3-SRPH LINEAGEPOWER-ATH030A0X3-SRPH Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
ATH030A0X3-SRPHZ LINEAGEPOWER-ATH030A0X3-SRPHZ Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
More results

Similar Description - ATH030A0X3-PZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH030A0X3-SR LINEAGEPOWER-ATH030A0X3-SR Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com