Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43082A9106M001 Datasheet(PDF) 3 Page - EPCOS

Part # B43082A9106M001
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43082A9106M001 Datasheet(HTML) 3 Page - EPCOS

  B43082A9106M001 Datasheet HTML 1Page - EPCOS B43082A9106M001 Datasheet HTML 2Page - EPCOS B43082A9106M001 Datasheet HTML 3Page - EPCOS B43082A9106M001 Datasheet HTML 4Page - EPCOS B43082A9106M001 Datasheet HTML 5Page - EPCOS B43082A9106M001 Datasheet HTML 6Page - EPCOS B43082A9106M001 Datasheet HTML 7Page - EPCOS B43082A9106M001 Datasheet HTML 8Page - EPCOS B43082A9106M001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Single-ended capacitors
B43082
Very high ripple current – 105
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
160 ... 450 V DC
Operating temperature
range
VR < 350 V DC: –40 °C … +105 °C
VR ≥ 350 V DC: –25 °C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
1.0 … 150
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
5000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 minutes)
Dissipation factor (max.)
(20
°C, 120 Hz)
VR (V DC)
160
200
250
350
400
450
tan
δ
0.15
0.15
0.15
0.20
0.24
0.24
Low temperature
stability
(impedance ratio)
(120 Hz)
VR (V DC)
160 ... 250
350
400
450
34
6
8
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the require-
ment of load life test after reforming process. After test: VR to be applied
for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier for
rated ripple current
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz
100 kHz
0.4
0.5
0.6
0.8
0.9
1.0
Temperature multiplier
for rated ripple current
+50
°C
+70
°C
+85
°C
+105
°C
2.1
1.8
1.4
1.0
Ileak 0.02 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ 25 µA
+
Z25 °C
()
Z +20 °C
()
---------------------------


Similar Part No. - B43082A9106M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4308 EPCOS-B4308 Datasheet
94Kb / 8P
   Unbalanced to balanced operation
B43081 EPCOS-B43081 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M000 EPCOS-B43081A1107M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M001 EPCOS-B43081A1107M001 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M006 EPCOS-B43081A1107M006 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B43082A9106M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com