Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH030A0X3-SR Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # ATH030A0X3-SR
Description  4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH030A0X3-SR Datasheet(HTML) 4 Page - Lineage Power Corporation

  ATH030A0X3-SR Datasheet HTML 1Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 2Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 3Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 4Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 5Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 6Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 7Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 8Page - Lineage Power Corporation ATH030A0X3-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM SMT: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
LINEAGE POWER
4
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Load Response
(dIO/dt=5A/
μs; VIN=12V, Vo=3.3V ; TA=25°C)
Load Change from Io= 50% to 100% of IO,max;
No external output capacitors
Peak Deviation
All
Vpk
350
mV
Settling Time (VO<10% peak deviation)
All
ts
25
μs
(dIO/dt=5A/
μs; VIN=VIN, nom; TA=25°C)
Load Change from IO= 100% to 50%of IO, max:
No external output capacitors
Peak Deviation
All
Vpk
350
mV
Settling Time (VO<10% peak deviation)
All
ts
25
μs
(dIO/dt=5A/
μs; VIN=VIN, nom; TA=25°C)
Load Change from Io= 50% to 100% of Io,max;
2x150 μF polymer capacitor
Peak Deviation
All
Vpk
250
mV
Settling Time (VO<10% peak deviation)
All
ts
40
μs
(dIO/dt=5A/
μs; VIN=VIN, nom; TA=25°C)
Load Change from Io= 100% to 50%of IO,max:
2x150 μF polymer capacitor
Peak Deviation
All
Vpk
250
mV
Settling Time (VO<10% peak deviation)
All
ts
40
μs
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (VIN=12V, VO=3.3Vdc, IO= 0.8IO, max,
TA=40°C) Per Telecordia Method
3,016,040
Hours
Weight
6.2 (0.22)
g (oz.)


Similar Part No. - ATH030A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH030A0X3-P LINEAGEPOWER-ATH030A0X3-P Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
ATH030A0X3-PZ LINEAGEPOWER-ATH030A0X3-PZ Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
More results

Similar Description - ATH030A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH010A0X3 LINEAGEPOWER-AXH010A0X3 Datasheet
701Kb / 17P
   3.0Vdc - 5.5Vdc input; 0.75 to 3.63Vdc Output; 10A Output Current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com