Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0307R15ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # AA0307R15ML
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0307R15ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  AA0307R15ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0307R15ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0307R15ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0307R15ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0307R15ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0307R15ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AA0307470KL□-□□□
SIL
205
7.0
BK
V
Y
2.60
2.52
50
±10%
47.00
1).□:Package Information--- A:Bulk
B:Taping / Box
C : Taping / Reel
AR-001A
AA0307102KL□-□□□
AA0307821KL□-□□□
AA0307681KL□-□□□
AA0307561KL□-□□□
AA0307471KL□-□□□
AA0307391KL□-□□□
AA0307331KL□-□□□
AA0307560KL□-□□□
AA0307680KL□-□□□
AA0307820KL□-□□□
AA0307101KL□-□□□
AA0307121KL□-□□□
AA0307151KL□-□□□
AA0307181KL□-□□□
AA0307221KL□-□□□
AA0307271KL□-□□□
±10%
560.00
2). "-
":Reference code
□□
820.00
1000.00
680.00
±10%
±10%
±10%
±10%
±10%
180.00
150.00
470.00
390.00
330.00
270.00
220.00
±10%
±10%
±10%
±10%
±10%
120.00
100.00
82.00
68.00
56.00
±10%
±10%
±10%
±10%
±10%
100
120
130
140
150
160
165
175
185
195
65
60
75
85
90
95
2.0
50
15.00
0.796
1.8
1.4
1.6
0.796
0.796
0.796
50
50
50
26.00
23.00
16.00
2.4
2.6
2.8
3.0
3.5
4.0
4.5
4.8
5.0
5.5
6.0
6.5
50
50
0.796
0.796
0.796
0.796
0.796
0.796
0.796
50
50
50
50
50
0.796
2.52
2.52
2.52
2.52
50
50
50
50
50
6.00
5.00
7.50
8.00
7.00
13.00
10.00
4.50
4.20
3.80
3.20
2.90
BU
SIL
BN
GN
BN
R
BN
BN
GY
BU
BK
GY
R
SIL
SIL
SIL
BN
BN
BN
BN
BN
BN
BN
BN
BN
BK
BK
BK
GY
BN
O
Y
O
R
R
O
V
W
V
R
BN
GY
BN
BN
BU
GN
R
GN
R
BK
GY
BU
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
AXIAL INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
AA0307R39ML□-□□□±20%
±20%
0.39
0.33
AA03076R8KL□-□□□
AA03078R2KL□-□□□
AA0307100KL□-□□□
AA0307120KL□-□□□
AA0307150KL□-□□□
AA0307180KL□-□□□
AA0307220KL□-□□□
AA0307270KL□-□□□
AA0307330KL□-□□□
AA0307390KL□-□□□
AA03075R6KL□-□□□
AA03074R7KL□-□□□
AA03073R9KL□-□□□
AA03073R3KL□-□□□
AA03072R7KL□-□□□
AA03072R2KL□-□□□
AA03071R8KL□-□□□
AA03071R5KL□-□□□
AA03071R2KL□-□□□
AA03071R0KL□-□□□
AA0307R82ML□-□□□
AA0307R68ML□-□□□
AA0307R56ML□-□□□
AA0307R47ML□-□□□
±10%
3.90
±10%
15.00
39.00
33.00
27.00
22.00
18.00
±10%
±10%
±10%
±10%
±10%
12.00
10.00
8.20
6.80
5.60
4.70
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1.20
3.30
2.70
2.20
1.80
1.50
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1.00
0.82
0.68
0.56
0.47
±20%
±10%
±20%
±20%
±20%
REF : 20091221-C
NAME
PROD.
AA0307R33ML□-□□□
AA0307R27ML□-□□□
AA0307R22ML□-□□□
AA0307R18ML□-□□□
AA0307R15ML□-□□□
AA0307R12ML□-□□□
AA0307R10ML□-□□□
DWG No.
±20%
0.10
0.27
0.22
0.18
0.15
0.12
±20%
±20%
±20%
±20%
±20%
Inductance
( μH )
Tol.
45
45
SIL
SIL
W
O
O
O
1000
1100
0.12
0.10
310.0
320.0
25.2
25.2
240
255
270
285
315
335
350
370
425
470
500
530
555
575
595
630
655
700
740
815
900
900
950
1000
45
0.55
62.0
7.96
7.5
8.0
9.0
35.0
10.0
12.0
14.0
16.0
18.0
20.0
28.0
48.0
45
2.52
2.52
2.52
2.52
2.52
2.52
45
45
45
45
45
45
45
45
45
45
45
45
45
45
2.52
7.96
7.96
7.96
7.96
7.96
45
45
45
45
45
45
1.00
2.30
2.10
1.80
1.35
1.20
0.90
0.85
0.80
0.70
0.65
0.60
85.0
140.0
120.0
110.0
74.0
160.0
180.0
200.0
240.0
280.0
300.0
45
7.96
7.96
7.96
7.96
7.96
7.96
45
45
45
45
45
25.2
25.2
25.2
25.2
25.2
45
45
45
45
45
0.28
0.50
0.45
0.40
0.35
0.30
0.25
0.22
0.20
0.18
0.15
SIL
GD
W
O
BK
BK
BK
BK
BK
BK
BK
BK
GD
GD
GD
GD
GN
BN
R
O
O
R
BN
V
W
O
R
GY
GY
BN
BN
Y
GN
BU
R
GY
R
BK
V
BU
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
GD
GD
GD
GD
GD
GD
GD
SIL
SIL
SIL
SIL
R
BN
R
O
R
BN
BN
R
O
V
GN
GY
BU
BN
GY
GN
Y
GY
BK
R
BU
V
SIL
SIL
SIL
SIL
SIL
SIL
SIL
1100
1150
1200
1270
1400
1350
( mA )
IDC
max.
360.0
380.0
400.0
420.0
450.0
( MHz )
SRF
min.
480.0
45
25.2
25.2
25.2
25.2
25.2
25.2
45
45
45
45
45
( MHz )
Freq.
Test
Q
min.
0.06
0.09
0.08
0.07
0.07
0.06
RDC
( Ω )
max.
ABC'S ITEM NO.
ABC'S DWG NO.
SIL
SIL
SIL
SIL
SIL
Color Code
3rd
SIL
BK
BN
R
BN
R
BN
BN
R
GY
V
GN
R
1st
2nd
4th
AA0307□□□□L□-□□□
PAGE: 2


Similar Part No. - AA0307R15ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0300-10-3X BARRY-AA0300-10-3X Datasheet
190Kb / 1P
   Aluminum Nitride
8/28/07
AA0300-100-13X BARRY-AA0300-100-13X Datasheet
81Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA0300-150-1X BARRY-AA0300-150-1X Datasheet
189Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
More results

Similar Description - AA0307R15ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com