Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0410680KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # AA0410680KL
Description  AXIAL INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0410680KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  AA0410680KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0410680KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0410680KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0410680KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0410680KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0410680KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp AA0410680KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
Test
25.2
Inductance
DWG No.
AA0410R10ML□-□□□
0.10
( μH )
min.
Q
480.0
min
0.06
SRF
( MHz )
max
IDC
( mA )
BN
max
( Ω )
RDC
Tol.
Freq.
( MHz )
BK
SIL
1st
2nd
3rd
Color Code
±20%
4th
50
1700
0.12 ±20%
0.15 ±20%
0.18 ±20%
0.22 ±20%
±20%
±20%
±20%
0.39
0.33
0.27
0.47
0.56
±20%
±20%
0.68 ±20%
3.90
±10%
±10%
±20%
1.20
3.30
1.80
2.20
2.70
1.50
1.00
0.82
4.70
27.00
82.00
120.00
100.00
150.00
180.00
39.00
47.00
68.00
56.00
33.00
8.20
22.00
12.00
15.00
18.00
10.00
6.80
5.60
1000.00
820.00
680.00
560.00
470.00
390.00
330.00
270.00
220.00
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
50
50
50
50
50
50
50
50
50
50
50
60
60
50
50
50
50
50
60
70
70
70
80
80
70
70
30
35
40
45
45
50
50
50
60
60
45
50
50
55
60
60
60
60
60
60
40
45
25.2
450.0
0.06
BN
SIL
25.2
25.2
SIL
SIL
25.2
25.2
25.2
25.2
SIL
SIL
SIL
SIL
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
400.0
420.0
340.0
380.0
300.0
230.0
250.0
280.0
86.0
94.0
100.0
110.0
121.0
131.0
144.0
157.0
172.0
210.0
74.0
80.0
40.0
53.0
68.0
6.5
7.6
9.9
14.0
20.0
34.0
5.7
6.2
6.5
5.3
4.8
3.0
2.8
3.5
3.8
1.6
1.6
1.8
2.0
2.4
2.6
1.2
1.4
6.3
0.07
0.07
0.08
0.09
0.10
0.13
0.12
0.25
0.24
0.22
0.20
0.18
0.17
0.16
0.15
0.14
0.30
0.80
1.50
2.00
1.80
1.10
1.20
1.30
0.90
1.00
0.45
0.65
0.70
0.75
0.52
0.50
0.40
0.35
8.50
7.50
6.50
6.00
5.00
4.50
4.00
3.00
2.50
14.00
12.00
9.50
20.00
1640
1560
1480
1400
1320
1280
1200
1150
1100
1030
980
920
880
830
790
750
720
670
640
620
590
550
530
390
410
430
460
480
500
320
305
290
275
185
175
340
350
370
105
113
120
126
133
137
145
155
165
BN
BN
O
R
R
Y
O
BN
GY
BU
GN
BN
BN
BN
R
R
O
O
Y
GN
BU
GY
BN
GN
BN
GY
BU
BN
BN
O
Y
O
R
R
BN
BN
Y
GY
BU
GN
BN
O
R
O
R
BN
BN
R
GN
GY
R
V
W
O
V
BU
GY
R
BK
BU
GY
R
GY
O
V
W
V
R
R
GN
BK
R
BU
GY
R
V
BK
GN
R
GY
R
GY
O
V
W
V
R
GN
V
R
GY
BU
O
W
BK
SIL
SIL
SIL
SIL
GD
SIL
GD
GD
GD
GD
GD
GD
GD
GD
GD
GD
GD
BK
BK
BK
BK
BK
BK
BK
BK
BK
BK
BK
BK
BN
BN
BN
BN
BN
BN
BN
BN
BN
BN
BN
BN
R
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
AA0410R12ML□-□□□
AA0410R15ML□-□□□
AA0410R18ML□-□□□
AA0410R22ML□-□□□
AA0410R39ML□-□□□
AA0410R33ML□-□□□
AA0410R27ML□-□□□
AA0410R47ML□-□□□
AA04101R2KL□-□□□
AA04101R5KL□-□□□
AA04101R8KL□-□□□
AA04101R0KL□-□□□
AA0410R82ML□-□□□
AA0410R68ML□-□□□
AA0410R56ML□-□□□
AA04102R2KL□-□□□
AA0410180KL□-□□□
AA0410220KL□-□□□
AA0410390KL□-□□□
AA0410330KL□-□□□
AA0410270KL□-□□□
AA0410120KL□-□□□
AA0410150KL□-□□□
AA0410100KL□-□□□
AA04105R6KL□-□□□
AA04106R8KL□-□□□
AA04108R2KL□-□□□
AA04104R7KL□-□□□
AA04103R9KL□-□□□
AA04103R3KL□-□□□
AA04102R7KL□-□□□
AA0410271KL□-□□□
AA0410221KL□-□□□
AA0410181KL□-□□□
AA0410151KL□-□□□
AA0410121KL□-□□□
AA0410101KL□-□□□
AA0410820KL□-□□□
AA0410680KL□-□□□
AA0410560KL□-□□□
AA0410470KL□-□□□
AA0410102KL□-□□□
AA0410821KL□-□□□
AA0410681KL□-□□□
AA0410561KL□-□□□
AA0410471KL□-□□□
AA0410391KL□-□□□
AA0410331KL□-□□□
3). Test Equipment:HP4342A Q Meter or Equivalent
1).□:Package Information--- A:Bulk
B:Taping / Box
C : Taping / Reel
AR-001A
2). "-
":Reference code
SPECIFICATION FOR APPROVAL
PAGE: 2
REF : 20080714-B
PROD.
NAME
AXIAL INDUCTOR
ABC'S ITEM NO.
ABC'S DWG NO.
AA0410□□□□L□-□□□
100


Similar Part No. - AA0410680KL

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0400-20-3X BARRY-AA0400-20-3X Datasheet
569Kb / 1P
   Aluminum Nitride
04/23/08
AA0400-50-1X BARRY-AA0400-50-1X Datasheet
187Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
logo
YAGEO Corporation
AA0402DK-07100R YAGEO-AA0402DK-07100R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA0402DK-07100RL YAGEO-AA0402DK-07100RL Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA0402DK-0710M YAGEO-AA0402DK-0710M Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA0410680KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com