Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM030A0X3-SRZ Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # ATM030A0X3-SRZ
Description  2.7 - 4.0Vdc input; 0.8 to 2.0Vdc Output; 30A output current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATM030A0X3-SRZ Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button ATM030A0X3-SRZ Datasheet HTML 5Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 6Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 7Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 8Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 9Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 10Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 11Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 12Page - Lineage Power Corporation ATM030A0X3-SRZ Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
October 21, 2009
Austin MegaLynxTM SMT: Non-Isolated DC-DC Power Modules:
2.7 – 4.0Vdc input; 0.8 to 2.0Vdc Output; 30A output current
LINEAGE POWER
9
Characteristic Curves
The following figures provide typical characteristics for the ATM030A0X3-SR and -SRH (2.0V, 30A) at 25
oC.
70
75
80
85
90
95
100
0
5
10
15
20
25
30
Vin = 3.0V
Vin = 3.3V
Vin = 3.9V
0
5
10
15
20
25
30
35
30
40
50
60
70
80
NC
0.5m/s
100 LFM
1m/s
200 LFM
1.5m/s
300 LFM
2.0m/s
400 LFM
2.5m/s
500 LFM
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 19. Converter Efficiency versus Output
Current.
Figure 22. Output Current Derating versus Ambient
Temperature and Airflow (ATM030A0X3-SR).
15
20
25
30
35
30
40
50
60
70
80
NC
0.5m/s (100LFM)
1m/s (200LFM)
1.5m/s (300LFM)
2m/s (400LFM)
2.5m/s (500LFM)
TIME, t (1
μs/div)
AMBIENT TEMPERATURE, TA
OC
Figure 20. Typical output ripple and noise (VIN =
VIN,NOM, Io = Io,max).
Figure 23. Output Current Derating versus Ambient
Temperature and Airflow (ATM030A0X3-SRH).
TIME, t (50
μs /div)
TIME, t (5ms/div)
Figure 21. Transient Response to Dynamic Load
Change from 0% to 50% to 0% of full load.
Figure 24. Typical Start-up Using Input Voltage (VIN =
VIN,NOM, Io = Io,max).


Similar Part No. - ATM030A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0350D17 AZDISPLAYS-ATM0350D17 Datasheet
644Kb / 21P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0350D17-T AZDISPLAYS-ATM0350D17-T Datasheet
664Kb / 22P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0350D18 AZDISPLAYS-ATM0350D18 Datasheet
635Kb / 20P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0350D19 AZDISPLAYS-ATM0350D19 Datasheet
652Kb / 20P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0350D19-T AZDISPLAYS-ATM0350D19-T Datasheet
539Kb / 22P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM030A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXH005A0X-SR LINEAGEPOWER-AXH005A0X-SR Datasheet
612Kb / 22P
   3.0 - 5.8Vdc input; 0.75Vdc to 4.0Vdc Output; 5A output current
ATH030A0X3-SR LINEAGEPOWER-ATH030A0X3-SR Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
ATM020A0X3-SR LINEAGEPOWER-ATM020A0X3-SR Datasheet
766Kb / 21P
   2.4 - 3.63Vdc input; 0.75Vdc to 2.0Vdc Output; 20A output current
logo
Galaxy Power, Inc.
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
logo
List of Unclassifed Man...
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
FGLD12SR6040A ETC2-FGLD12SR6040A Datasheet
1Mb / 38P
   4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Galaxy Power, Inc.
GAMW3V330 GALAXY-GAMW3V330 Datasheet
982Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com