Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65880E0012D001 Datasheet(PDF) 2 Page - EPCOS

Part # B65880E0012D001
Description  Ferrites and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65880E0012D001 Datasheet(HTML) 2 Page - EPCOS

  B65880E0012D001 Datasheet HTML 1Page - EPCOS B65880E0012D001 Datasheet HTML 2Page - EPCOS B65880E0012D001 Datasheet HTML 3Page - EPCOS B65880E0012D001 Datasheet HTML 4Page - EPCOS B65880E0012D001 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PQ 32/20
B65879A
Cores
KA IN FER D PD
2008-04-14
Please read Cautions and warnings and
Page 2 of
5
Important notes at the end of this document.
To IEC 62317-13
Delivery mode: sets
Magnetic characteristics (per set)
Σl/A
= 0.314
mm-1
le
= 48.40
mm
Ae
= 154.2
mm2
Amin
= 127.5
mm2
Ve
= 7460
mm3
Approx. weight : 41 g/set
Dimensions (mm)
Ungapped
Material
AL value
1)
nH
µe
PV
W/Set
Ordering code
N87
6300 +30/-20%
1580
< 5.50 (100 kHz, 200 mT, 100 °C)
B65879A0000R087
N97
6500 +30/-20%
1625
< 4.60 (100 kHz, 200 mT, 100 °C)
B65879A0000R097
N95
7600 +30/-20%
1895
< 4.70 (100 kHz, 200 mT, 25 °C-100 °C)
< 5.64 (100 kHz, 200 mT, 120 °C)
B65879A0000R095
N49
4600 +30/-20%
1150
< 2.65 (500 kHz, 50 mT, 100 °C)
B65879A0000R049
1) Measurement parameter: 10 kHz, 0.25 mT, 100 turns, room temperature.
AL value is measured acc. to IEC62044-2. An appropriate wringing of cores with polished surface is used to improve
reproducibility of the measurement. (It is recommended to rub the mating surfaces themselves six times in a circular or
elliptic arc that matches the core profile before measuring AL value).


Similar Part No. - B65880E0012D001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65880E0012D001 EPCOS-B65880E0012D001 Datasheet
100Kb / 5P
   Ferrites and Accessories
More results

Similar Description - B65880E0012D001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com