Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTS006A0X4-SRZ Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # APTS006A0X4-SRZ
Description  4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS006A0X4-SRZ Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button APTS006A0X4-SRZ Datasheet HTML 4Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 5Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 6Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 7Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 8Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 9Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 10Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 11Page - Lineage Power Corporation APTS006A0X4-SRZ Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
September 4, 2009
12V Pico TLynxTM 6A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
LINEAGE POWER
8
Characteristic Curves
The following figures provide typical characteristics for the 12V Pico TLynx
TM 6A at 1.8Vo and at 25oC.
70
75
80
85
90
95
012
3456
Vin=14V
Vin=12V
Vin=4.5V
2
3
4
5
6
7
55
65
75
85
95
105
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
Standard Part
(85
°C)
Ruggedized (D)
Part (105
°C)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 13. Converter Efficiency versus Output Current.
Figure 14. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 15. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 16. Transient Response to Dynamic Load
Change from 0% to 50% to 0%.
TIME, t (2 ms/div)
TIME, t (2 ms/div)
Figure 17. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 18. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - APTS006A0X4-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS006A0X4-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR006A0X4Z LINEAGEPOWER-NSR006A0X4Z Datasheet
457Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
NSR010A0X4Z LINEAGEPOWER-NSR010A0X4Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR003A0X4Z LINEAGEPOWER-NSR003A0X4Z Datasheet
470Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 3A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com