Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS5022P-333ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DS5022P-333ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS5022P-333ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  DS5022P-333ML Datasheet HTML 1Page - Coilcraft lnc. DS5022P-333ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
1. When ordering, please specify termination and packaging codes:
DS5022P-105M
LD
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc.
3. DC current at which the inductance drops 10% (typ) from its value
without current.
4. Current that causes a 40°C temperature rise from 25°C ambient.
5. Ambient temperature range: –40°C to +85°C with
Irms current
+85°C to +125°C with derated current
6. Storage temperature range: Component: –40°C to +125°C
Packaging: –40°C to +80°C
7. Resistance to soldering heat: Three reflows at >217°C for 90 seconds
(+260°C ±5°C for 20 – 40 seconds), allowing parts to cool to room
temperature between.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
SMTPowerInductors–DS5022PSeries
The DS5022 Series of magnetically shielded power
inductors is designed for the higher current require-
ments of portable computers, video recorders and other
DC-DC conversion applications.
They feature saturation current ratings as high as
18 Amps and rms current ratings up to 6.5 Amps. Low
DC resistance (as low as 0.040 Ohms) keeps power
losses to a minimum.
L
DCR
SRF
±20%2
max
typ
Isat3 Irms4
Part Number1
(µH)
(Ohms)
(MHz)
(A)
(A)
DS5022P-102ML_
1.0
0.016
130
18.0
6.5
DS5022P-222ML_
2.2
0.023
70
14.0
5.0
DS5022P-332ML_
3.3
0.026
60
12.5
4.7
DS5022P-472ML_
4.7
0.028
40
11.5
4.4
DS5022P-562ML_
5.6
0.030
33
10.8
4.1
DS5022P-103ML_
10
0.040
30
8.0
3.9
DS5022P-153ML_
15
0.048
20
7.0
3.4
DS5022P-223ML_
22
0.059
18
6.0
3.1
DS5022P-333ML_
33
0.075
14
5.0
2.8
DS5022P-473ML_
47
0.097
10
4.0
2.4
DS5022P-683ML_
68
0.138
9.0
3.0
2.0
DS5022P-104ML_
100
0.207
7.0
2.4
1.7
DS5022P-154ML_
150
0.293
6.0
2.1
1.3
DS5022P-224ML_
220
0.47
5.0
1.9
1.1
DS5022P-274ML_
270
0.64
4.5
1.4
0.95
DS5022P-334ML_
330
0.78
4.0
1.1
0.86
DS5022P-474ML_
470
1.08
3.0
1.1
0.73
DS5022P-684ML_
680
1.40
2.5
0.96
0.64
DS5022P-824ML_
820
1.70
2.2
0.88
0.58
DS5022P-105ML_
1000
2.01
2.0
0.80
0.53
Document 188-1
Document 188-1
Revised 10/06/08
For new designs, consider the MSS1278 as an alter-
native to this series. The MSS1278 series is more cost
effective, features a smaller footprint, lower DCR and
better current handling. We will continue to manufacture
and support the DS5022P indefinitely.


Similar Part No. - DS5022P-333ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P-333ML COILCRAFT-DS5022P-333ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-333ML COILCRAFT-DS5022P-333ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-333ML COILCRAFT-DS5022P-333ML Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-333ML COILCRAFT-DS5022P-333ML Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-333MLD COILCRAFT-DS5022P-333MLD Datasheet
119Kb / 2P
   SMT Power Inductors - DS5022P Series
More results

Similar Description - DS5022P-333ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com