Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0512102JL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # AA0512102JL
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0512102JL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  AA0512102JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0512102JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0512102JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0512102JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0512102JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0512102JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Epoxy
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
fies base coated magnet wire twisted together and covered with top coat overall.
See General Information Preceding These Recognitions
Marking: Company name or trademarks
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A
Recognized Component Mark.
287806002
____
SF.BW@
UEW-1
UEY
UEW-4
UEW-2
UEY-2
SFFY
287806002
SFFW
Dsg
Dsg
____
____
____
____
____
____
Mtl
Mark
____
EIW-2
SF.FLY@
SF.BLOCKBS
SF.EILOCKY#
SF.EILOCKBS
PEY
PEW
SF.FLW
SF.EIW
SF.BY@
LSFFW
LSUEW
FL.EILOCKY
EIW
____
____
____
____
____
____
____
____
____
____
____
____
____
____
, material designation or marked designation on packaed or reel, and
Page 2 of 2
or 榮星電線
OBMW2⁄E174837
September 8 , 2000
___
MW27-C
___
___
___
MW27-C
MW79-C
MW24-C
MW26C
MW77C
___
___
MW74-C
___
MW26C
___
MW2-C
MW28-C
MW75C
MW28-C
MW80C
____
Modified Polyester
Page 1 of 2
Coat Typ
BC
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
OC
____
Polyamide
Nylon
____
Polyamide
____
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Modified
Polyester
Polyesterimide
Modified Polyester
Polyurethane
Polyurethane
Polyesterimide
Polyester
Polyester
____
Nylon
Modified
Polyamide
Polyamide
Modified
Nylon
Polyamide
____
____
____
____
Polyamide
Nylon
____
____
155
Type
Class
130
130
130
155
130
105
A n ot-for-p rofit organization
ded icated to pu blic safety and
committed to quality se rvice
Temp
ANSI
MW79
155
155
155
180
180
180
155
155
155
130
155
155
220
200
155
AXIAL INDUCTOR
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
JUNG SHING WIRE CO LTD
Magnet Wire-Component
SPECIFICATION FOR APPROVAL
OBMW2
AIW
EIAIW
CFUEWB
EILOCKW
EILOCKY
Mtl
Dsg
____
____
____
____
Dsg
Mark
____
HSIEN TAIWAN
Ⅸ﹒UL CARD:
PROD.
NAME
REF :
MW81-C
___
___
MW35C
MW75C
September 8, 2000
Coat Typ
Polyamideimide
Polyesterimide
Polyesterimide
Polyurethane
BC
Polyesterimide
____
____
Polyamideimide
Polyamide
Modified
OC
ABC'S DWG NO.
ABC'S ITEM NO.
Temp
Class
Type
ANSI
220
200
130
200
180
E174837
AA0512□□□□L□-□□□
PAGE: 6
20090325-B


Similar Part No. - AA0512102JL

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0500-10-3X BARRY-AA0500-10-3X Datasheet
140Kb / 1P
   Aluminum Nitride
12/02/08
AA0500-100-13X BARRY-AA0500-100-13X Datasheet
132Kb / 1P
   Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 01/29/09
AA0500-100-14X BARRY-AA0500-100-14X Datasheet
152Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/12/09
AA0500-100-8X BARRY-AA0500-100-8X Datasheet
568Kb / 1P
   Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 08/22/06
AA0500-250-10X BARRY-AA0500-250-10X Datasheet
130Kb / 1P
   Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 03/09/09
More results

Similar Description - AA0512102JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com