Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B58621K0520A001 Datasheet(PDF) 4 Page - EPCOS

Part # B58621K0520A001
Description  Pressure sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58621K0520A001 Datasheet(HTML) 4 Page - EPCOS

  B58621K0520A001 Datasheet HTML 1Page - EPCOS B58621K0520A001 Datasheet HTML 2Page - EPCOS B58621K0520A001 Datasheet HTML 3Page - EPCOS B58621K0520A001 Datasheet HTML 4Page - EPCOS B58621K0520A001 Datasheet HTML 5Page - EPCOS B58621K0520A001 Datasheet HTML 6Page - EPCOS B58621K0520A001 Datasheet HTML 7Page - EPCOS B58621K0520A001 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pressure sensors
Pressure transmitters without casing (current output)
CAU-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 4 of 8
Important notes at the end of this document.
Characteristics
Simple output (AUA, AUR)
Symmetrical output (AUS)
Connection diagram and conditions
RL ≤ (VS – 10 V) / 0.02 A
RL range depending on VS for proper operation
Terminal assignment (view to soldering side)
p
I
I+ (VS)
I-
RL
GND
Vcc = VI+ - VI-
0
pr
Icc0 + IFS
Icc0
Icc0
-pr
+pr
0
Icc0 + ½IFS
Icc0 - ½IFS


Similar Part No. - B58621K0520A001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58621K0510A006 EPCOS-B58621K0510A006 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A007 EPCOS-B58621K0510A007 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A008 EPCOS-B58621K0510A008 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A009 EPCOS-B58621K0510A009 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A010 EPCOS-B58621K0510A010 Datasheet
130Kb / 8P
   Pressure sensors
More results

Similar Description - B58621K0520A001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com