Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0410R27ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # AA0410R27ML
Description  AXIAL INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0410R27ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  AA0410R27ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
OBMW2
EILOCKY
EILOCKW
CFUEWB
EIAIW
EIW
AIW
FL.EILOCKY
LSUEW
LSFFW
SF.BY@
SF.EIW
SF.FLW
PEW
PEY
SF.EILOCKBS
SF.EILOCKY#
SF.BLOCKBS
SFFW
SF.BW@
SF.FLY@
287806002
SFFY
UEY-2
UEW-2
UEW-4
UEY
UEW-1
287806002
EIW-2
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
Marking: Company name or trademarks
Recognized Component Mark.
See General Information Preceding These Recognitions
fies base coated magnet wire twisted together and covered with top coat overall.
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
Magnet Wire-Component
JUNG SHING WIRE CO LTD
Ⅹ﹒UL CARD:
AR-001A
200
Modified
Polyesterimide
Page 2 of 2
, material designation or marked designation on packaed or reel, and
or 榮星電線
September 8 , 2000
OBMW2⁄E174837
Coat Typ
Page 1 of 2
____
Dsg
Dsg
____
____
____
____
____
____
Mtl
Mark
____
BC
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Modified Polyester
____
____
____
____
____
____
____
____
____
____
____
____
____
____
Modified Polyester
Modified Polyester
Polyester
Modified
Polyesterimide
Polyesterimide
Modified Polyester
Polyesterimide
Polyesterimide
Polyesterimide
Polyester
Polyester
Polyurethane
Polyurethane
Modified Polyester
Polyesterimide
Polyamide
____
MW80C
MW28-C
MW75C
MW28-C
MW2-C
___
MW26C
OC
____
Polyamide
____
Nylon
Polyamide
____
Class
Type
130
130
130
105
130
155
Temp
committed to quality service
dedicated to public safety and
A not-for-profit organization
ANSI
MW79
155
155
___
MW74-C
___
___
MW77C
MW26C
MW24-C
MW79-C
MW27-C
___
___
___
MW27-C
___
____
Nylon
Modified
Polyamide
Polyamide
Modified
Nylon
____
____
Nylon
Polyamide
____
____
____
Epoxy
____
155
155
180
180
155
155
180
155
155
155
155
130
200
220
September 8, 2000
Coat Typ
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
HSIEN TAIWAN
Dsg
Mtl
____
____
____
____
____
Mark
Dsg
BC
Polyurethane
Polyesterimide
Polyesterimide
Polyamideimide
MW75C
MW35C
___
___
MW81-C
Polyamide
Polyamideimide
____
____
OC
Class
Temp
Type
ANSI
220
180
200
130
E174837
SPECIFICATION FOR APPROVAL
PAGE: 7
REF : 20080714-B
PROD.
NAME
AXIAL INDUCTOR
ABC'S ITEM NO.
ABC'S DWG NO.
AA0410□□□□L□-□□□


Similar Part No. - AA0410R27ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0400-20-3X BARRY-AA0400-20-3X Datasheet
569Kb / 1P
   Aluminum Nitride
04/23/08
AA0400-50-1X BARRY-AA0400-50-1X Datasheet
187Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
logo
YAGEO Corporation
AA0402DK-07100R YAGEO-AA0402DK-07100R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA0402DK-07100RL YAGEO-AA0402DK-07100RL Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA0402DK-0710M YAGEO-AA0402DK-0710M Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA0410R27ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com