Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0307471KL Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # AA0307471KL
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0307471KL Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  AA0307471KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0307471KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0307471KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0307471KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0307471KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0307471KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Appendix code 1 : Classification
Appendix code 2 : Package
AA0307□□□□L□-□□□
Remark
Electrical code
Appendix code 1:Product Classification
Appendix code 2:Package Information
AR-001A
pcs
5000
T / R ( T52 Reel package )
C
T / B ( T26 Box package )
BAG ( Fm Forming type )
E
D
3000
pcs
pcs
500
L:Lead Free Standard products comply with RoHS' requirements
1 ~ 9:Lead Free Special products comply with RoHS' requirements
Bag ( Axial type )
T / B ( T52 Box package )
Inner package
B
A
Code
200
3000
Inner package Q'TY
pcs
pcs
Type code
Dimension code
Ⅷ.﹒DWGING NUMBER EXPRESSION:
REF : 20091221-C
A
A
NAME
PROD.
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
7
3
00
AXIAL INDUCTOR
Reference code
Tolerance code
ABC'S DWG NO.
PAGE: 5


Similar Part No. - AA0307471KL

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0300-10-3X BARRY-AA0300-10-3X Datasheet
190Kb / 1P
   Aluminum Nitride
8/28/07
AA0300-100-13X BARRY-AA0300-100-13X Datasheet
81Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA0300-150-1X BARRY-AA0300-150-1X Datasheet
189Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
More results

Similar Description - AA0307471KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com