Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43305A2567M002 Datasheet(PDF) 10 Page - EPCOS

Part # B43305A2567M002
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305A2567M002 Datasheet(HTML) 10 Page - EPCOS

Back Button B43305A2567M002 Datasheet HTML 6Page - EPCOS B43305A2567M002 Datasheet HTML 7Page - EPCOS B43305A2567M002 Datasheet HTML 8Page - EPCOS B43305A2567M002 Datasheet HTML 9Page - EPCOS B43305A2567M002 Datasheet HTML 10Page - EPCOS B43305A2567M002 Datasheet HTML 11Page - EPCOS B43305A2567M002 Datasheet HTML 12Page - EPCOS B43305A2567M002 Datasheet HTML 13Page - EPCOS B43305A2567M002 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R2)
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
270
22
× 25
470
640
2.61
1.33
B43305E2277M0*#
330
22
× 30
380
520
3.01
1.53
B43305E2337M0*#
330
25
× 25
380
520
2.95
1.50
B43305F2337M0*#
390
22
× 30
320
440
3.27
1.67
B43305E2397M0*#
390
25
× 25
320
440
3.21
1.64
B43305F2397M0*#
470
22
× 35
270
370
3.72
1.90
B43305E2477M0*#
470
25
× 30
270
370
3.68
1.87
B43305F2477M0*#
560
22
× 40
230
310
4.19
2.13
B43305E2567M0*#
560
25
× 35
230
310
4.16
2.12
B43305F2567M0*#
560
30
× 25
230
310
3.62
1.84
B43305G2567M0*#
680
22
× 45
190
260
4.74
2.42
B43305E2687M0*#
680
25
× 40
190
260
4.73
2.41
B43305F2687M0*#
680
30
× 30
190
260
4.15
2.12
B43305G2687M0*#
820
25
× 45
150
210
5.34
2.72
B43305E2827M0*#
820
30
× 35
150
210
4.73
2.41
B43305F2827M0*#
820
35
× 25
150
210
3.82
1.95
B43305G2827M0*#
1000
25
× 50
130
180
6.04
3.08
B43305E2108M0*#
1000
30
× 35
130
180
5.22
2.66
B43305F2108M0*#
1000
35
× 30
130
180
4.69
2.39
B43305G2108M0*#
1200
25
× 55
110
150
6.77
3.45
B43305E2128M0*#
1200
30
× 40
110
150
6.29
3.21
B43305F2128M0*#
1200
35
× 35
110
150
5.32
2.71
B43305G2128M0*#
1500
30
× 50
85
120
7.41
3.78
B43305E2158M0*#
1500
35
× 40
85
120
6.13
3.13
B43305F2158M0*#
1800
30
× 55
70
100
8.31
4.24
B43305E2188M0*#
1800
35
× 45
70
100
6.91
3.52
B43305F2188M0*#
2200
35
× 50
60
80
7.83
3.99
B43305E2228M0*#
B43305
Ultra compact
85
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43305A2567M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43305A2567M002 EPCOS-B43305A2567M002 Datasheet
1,011Kb / 17P
   General-purpose grade capacitors
More results

Similar Description - B43305A2567M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com