Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41022A8155M016 Datasheet(PDF) 10 Page - EPCOS

Part # B41022A8155M016
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41022A8155M016 Datasheet(HTML) 10 Page - EPCOS

Back Button B41022A8155M016 Datasheet HTML 6Page - EPCOS B41022A8155M016 Datasheet HTML 7Page - EPCOS B41022A8155M016 Datasheet HTML 8Page - EPCOS B41022A8155M016 Datasheet HTML 9Page - EPCOS B41022A8155M016 Datasheet HTML 10Page - EPCOS B41022A8155M016 Datasheet HTML 11Page - EPCOS B41022A8155M016 Datasheet HTML 12Page - EPCOS B41022A8155M016 Datasheet HTML 13Page - EPCOS B41022A8155M016 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Single-ended capacitors
B41022
Taping, packing and lead configurations
10 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Lead spacing 5.0 mm (
∅ d = 4 ... 8 mm)
Last 3 digits of ordering code: 008
Lead spacing 5.0 mm (
∅ d = 10 mm)
Last 3 digits of ordering code: 008
Taping is available up to dimensions d
× l = 10 × 20 mm. For ∅ 12.5, 16 and 18 mm taping is not
available.
Dimensions in mm
∅ dF
H
H0
WW0 W1 W2
PP0
P1
L1
t
∆hD0
4 ... 6.3
5.0
18.5
16
18.0 7.0
9.0
3.0
12.7 12.7 3.85 1.0
0.6
2.0
4.0
8
5.0
18.5
16
18.0 10
9.0
3.0
12.7 12.7 3.85 1.0
0.6
2.0
4.0
10
5.0
18.5
18.0 12.5 9.0
3.0
12.7 12.7 3.85 1.0
0.6
2.0
4.0
Tolerance
+0.6
–0.2
±0.75 ±0.5 +1.0
–0.5
+1.0
–0
±0.5 max. ±0.5 ±0.3 ±0.7 max. +0.3
–0.2
max.
±0.2
Adhesive tape
Base tape
F
B
ød
P
KAL1075-B-E
1 max.
View B
0
P
P1
D0
h
h
Adhesive tape
Base tape
F
B
ød
P
KAL1076-J-E
1 max.
View B
P0
P1
D0
h
h


Similar Part No. - B41022A8155M016

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B410000 E-SWITCH-B410000 Datasheet
47Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410002 E-SWITCH-B410002 Datasheet
109Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
EPCOS
B41002 EPCOS-B41002 Datasheet
374Kb / 16P
   Aluminum electrolytic capacitors
B41002A2107M000 EPCOS-B41002A2107M000 Datasheet
374Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41022A8155M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com