Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41888C5398M012 Datasheet(PDF) 11 Page - EPCOS

Part # B41888C5398M012
Description  Aluminum electrolytic capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41888C5398M012 Datasheet(HTML) 11 Page - EPCOS

Back Button B41888C5398M012 Datasheet HTML 7Page - EPCOS B41888C5398M012 Datasheet HTML 8Page - EPCOS B41888C5398M012 Datasheet HTML 9Page - EPCOS B41888C5398M012 Datasheet HTML 10Page - EPCOS B41888C5398M012 Datasheet HTML 11Page - EPCOS B41888C5398M012 Datasheet HTML 12Page - EPCOS B41888C5398M012 Datasheet HTML 13Page - EPCOS B41888C5398M012 Datasheet HTML 14Page - EPCOS B41888C5398M012 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm, excluding 12.5 × 40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm, excluding 12.5 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 50 V DC
100
8
× 11.5 4.920
1.263
0.615
0.540
500
700
B41888C6107M***
120
8
× 11.5 4.920
1.053
0.615
0.540
500
700
B41888C6127M***
150
10
× 12.5 1.824
0.842
0.228
0.203
600
840
B41888D6157M***
220
10
× 16
1.030
0.574
0.129
0.115
1050
1470
B41888C6227M***
270
10
× 20
0.672
0.468
0.084
0.075
1180
1652
B41888C6277M***
330
10
× 20
0.672
0.383
0.084
0.075
1180
1652
B41888C6337M***
470
12.5
× 20
0.518
0.269
0.065
0.060
1800
2520
B41888C6477M***
560
12.5
× 25
0.344
0.226
0.043
0.040
2024
2834
B41888C6567M***
680
12.5
× 25
0.344
0.186
0.043
0.040
2024
2834
B41888C6687M***
820
16
× 20
0.410
0.154
0.051
0.046
1957
2740
B41888C6827M***
1000
12.5
× 40
0.216
0.126
0.027
0.025
2920
4088
B41888C6108M***
1000
16
× 25
0.283
0.126
0.035
0.032
2700
3780
B41888D6108M***
1000
18
× 20
0.312
0.126
0.039
0.036
2541
3557
B41888G6108M***
1200
16
× 31.5 0.221
0.105
0.028
0.025
3010
4214
B41888C6128M***
1200
18
× 25
0.275
0.105
0.034
0.031
2795
3914
B41888D6128M***
1500
16
× 31.5 0.224
0.084
0.028
0.025
3010
4214
B41888C6158M***
1800
18
× 31.5 0.204
0.070
0.025
0.023
3542
4959
B41888C6188M***
2200
18
× 35
0.177
0.069
0.022
0.020
3800
5320
B41888C6228M***
2700
18
× 40
0.159
0.056
0.020
0.018
4000
5600
B41888C6278M***
B41888
Extended useful life
105
°C
Page 11 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41888C5398M012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41888C5398M001 EPCOS-B41888C5398M001 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
B41888C5398M002 EPCOS-B41888C5398M002 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
More results

Similar Description - B41888C5398M012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com