Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-3100 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # PD-3100
Description  1.3 關m WDM PIN PHOTODIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-3100 Datasheet(HTML) 2 Page - Optoway Technology Inc

  PD-3100 Datasheet HTML 1Page - Optoway Technology Inc PD-3100 Datasheet HTML 2Page - Optoway Technology Inc PD-3100 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optoway
PD-3100
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/9/2009 V2.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: 1. Specifications subject to change without notice.
2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P
D
− 3
1
Code
Wavlength
Code
Package
Code
Package
1
1310 / 1550 nm
0
Ball Lens Cap
Blank
Flat Window Cap
3
1310 nm
5
Flat Window Cap
N
Ball Lens Cap
5
1550 nm
Code
Diameter
0
75
μm
PD(-)
CASE
PD(+)
PHOTOSENSITIVE
SURFACE
PD(-)
CASE
PD(+)
PHOTOSENSITIVE
SURFACE
Focal Plane
Basic Plane


Similar Part No. - PD-3100

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.55 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
126Kb / 3P
   InGaAs PIN PHOTODIODES
PD-3100-100 OPTOWAY-PD-3100-100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
More results

Similar Description - PD-3100

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
   1.55 關m WDM PIN PHOTODIODES
PD-5100 OPTOWAY-PD-5100_09 Datasheet
128Kb / 3P
   1.55 關m WDM PIN PHOTODIODES
PT-33100 OPTOWAY-PT-33100 Datasheet
92Kb / 2P
   5V / 1.3 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-33130 OPTOWAY-PT-33130 Datasheet
94Kb / 2P
   3.3V / 1.3 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-35130 OPTOWAY-PT-35130 Datasheet
94Kb / 2P
   3.3V / 1.3 關m / 622 Mbps InGaAs PIN-TIA Receiver
logo
Hamamatsu Corporation
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
   Peak emission wavelength: 1.3 關m
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com