Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ9501 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ9501
Description  531/1063 Mbaud Fibre Channel Transmitter and Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9501 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ9501 Datasheet HTML 1Page - TriQuint Semiconductor TQ9501 Datasheet HTML 2Page - TriQuint Semiconductor TQ9501 Datasheet HTML 3Page - TriQuint Semiconductor TQ9501 Datasheet HTML 4Page - TriQuint Semiconductor TQ9501 Datasheet HTML 5Page - TriQuint Semiconductor TQ9501 Datasheet HTML 6Page - TriQuint Semiconductor TQ9501 Datasheet HTML 7Page - TriQuint Semiconductor TQ9501 Datasheet HTML 8Page - TriQuint Semiconductor TQ9501 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
T
R
I
Q
U
I
N
T
S E M I C O N D U C T O R , I N C .
1
For additional information and latest specifications, see our website: www.triquint.com
TQ9501/9502
531/1063 Mbaud
Fibre Channel
Transmitter and
Receiver
Features
• Compliant with ANSI X3T11
Fibre Channel Standard
• Operates at 531.125 Mbaud
and 1.0625 Gigabaud
(1.25 Gigabaud max)
• Low power dissipation
(2.25 W, typical)
• Low jitter
• No external PLL components
• 10-bit TTL-compatible data bus
• Synchronous Data Bus Interface
• Direct interface to TQ9303 ENDEC
• Single +5 V supply
• 48-pin MQuad package
TQ9501
Transmitter
2
TQ9303
ENDEC
TQ9502
Receiver
2
Data
10
Data
Data
32
Control
12
HOST
Optical Rx
or Copper
Interface
10
Optical Tx
or Copper
Interface
2
2
Fiber
Optic
Cable
Parity
4
Parity
4
Control
11
Data
32
Control
2
Control
2
2
TriQuint’s Fibre Channel transmitter (TQ9501) and receiver (TQ9502) are
part of the FC531/FC1063 (Fibre Channel 531 and 1063 Megabaud) chip
set. In addition to the transmitter and receiver, TriQuint offers the ENcoder/
DECoder (TQ9303 ENDEC). The TQ9501, TQ9502, TQ9303 and a gigabit
fiber optic module set provide a complete solution for Fibre Channel's FC0
and FC1 layers as well as partial support for the FC2 layer.
The TQ9501 and TQ9502 are designed in TriQuint's proprietary 0.7-micron
GaAs process, enabling the transmitter and receiver to run at higher speeds
and lower power than with conventional processes. The transmitter and
receiver data interface has been selected to be 10 bits in order to conserve
input/output power and to reduce pin count and package size. The trans-
mitter performs the parallel-to-serial conversion and generates the internal
high-speed clock for the serial output. The receiver performs serial-to-
parallel conversion, recovers the clock and data from the serial input, and
detects the K28.5 character (Fibre Channel standard “SYNC” transmission
character).
The TQ9303 ENDEC implements 8b/10b encoding and decoding, ordered
set encoding and decoding, parity checking and generation, 32-bit CRC
checking and generation, and word synchronization as defined in the
Fibre Channel Physical and Signaling Interface Standard (FC-PH).
Fibre Channel provides a high-speed physical layer for Intelligent
Peripheral Interface (IPI) and Small Computer System Interface (SCSI)
upper-layer command sets, High-Performance Parallel Interface (HIPPI)
data link layer, and other user-defined command sets. Fibre Channel
replaces the SCSI, IPI and HIPPI physical interfaces with a higher-
speed interface capable of driving longer distances.


Similar Part No. - TQ9501

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
   2-Stage AMPS Power Amplifier IC
TQ9203 TRIQUINT-TQ9203 Datasheet
263Kb / 12P
   Low-Current Cellular Band Downconverter IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results

Similar Description - TQ9501

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1512 HP-HDMP-1512 Datasheet
259Kb / 26P
   Fibre Channel Transmitter and Receiver Chipset
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1012 AVAGO-AFBR-1012 Datasheet
109Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
   Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
   Fibre Channel Receiver
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
   IR Transmitter and Receiver
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com