Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41043A4828M016 Datasheet(PDF) 8 Page - EPCOS

Part # B41043A4828M016
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41043A4828M016 Datasheet(HTML) 8 Page - EPCOS

Back Button B41043A4828M016 Datasheet HTML 4Page - EPCOS B41043A4828M016 Datasheet HTML 5Page - EPCOS B41043A4828M016 Datasheet HTML 6Page - EPCOS B41043A4828M016 Datasheet HTML 7Page - EPCOS B41043A4828M016 Datasheet HTML 8Page - EPCOS B41043A4828M016 Datasheet HTML 9Page - EPCOS B41043A4828M016 Datasheet HTML 10Page - EPCOS B41043A4828M016 Datasheet HTML 11Page - EPCOS B41043A4828M016 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Single-ended capacitors
B41043
Very low impedance – 105
°C
8
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
6.3
100
5
× 11
0.850
99
B41043A2107M***
120
5
× 11
0.650
115
B41043A2127M***
150
6.3
× 11
0.490
155
B41043A2157M***
180
6.3
× 11
0.390
175
B41043A2187M***
220
6.3
× 11
0.300
205
B41043A2227M***
270
6.3
× 15
0.240
275
B41043A2277M***
330
6.3
× 15
0.200
310
B41043A2337M***
390
8
× 11.5
0.170
345
B41043A2397M***
470
8
× 15
0.140
435
B41043A2477M***
560
8
× 15
0.120
480
B41043A2567M***
680
8
× 20
0.100
605
B41043A2687M***
820
8
× 20
0.085
670
B41043A2827M***
1000
10
× 20
0.070
820
B41043A2108M***
1200
10
× 20
0.060
895
B41043A2128M***
1500
10
× 25
0.050
1090
B41043A2158M***
1800
10
× 31.5
0.045
1230
B41043A2188M***
2200
10
× 31.5
0.035
1320
B41043A2228M***
2700
12.5
× 25
0.032
1430
B41043A2278M***
3300
12.5
× 25
0.030
1530
B41043A2338M***
3900
12.5
× 31.5
0.028
1710
B41043A2398M***
4700
12.5
× 35.5
0.027
1890
B41043A2478M***
5600
12.5
× 40
0.026
2040
B41043A2568M***
6800
16
× 31.5
0.024
2130
B41043A2688M***
8200
16
× 35.5
0.022
2290
B41043A2828M***
10000
16
× 40
0.020
2470
B41043A2109M***
12000
18
× 35.5
0.019
2530
B41043A2129M***
15000
18
× 40
0.018
2660
B41043A2159M***
10
68
5
× 11
0.800
97
B41043A3686M***
82
5
× 11
0.650
110
B41043A3826M***
100
6.3
× 11
0.550
135
B41043A3107M***
120
6.3
× 11
0.440
160
B41043A3127M***
150
6.3
× 11
0.350
185
B41043A3157M***
180
6.3
× 11
0.290
205
B41043A3187M***
220
6.3
× 15
0.240
270
B41043A3227M***


Similar Part No. - B41043A4828M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41043A4828M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com