Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO3340P-223ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3340P-223ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3340P-223ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3340P-223ML Datasheet HTML 1Page - Coilcraft lnc. DO3340P-223ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
SMT Power Inductors – DO3340P Series
Specifications subject to change without notice.
Please check our website for latest information.
Document 171-2
Document 171-2
Revised 10/14/08
Typical L vs Frequency
Typical L vs Current
0.01
0.1
110
1
100
1000
10000
0.01
0.1
110
10
Frequency (MHz)
10 µH
100 µH
1000 µH
1
10
100
1000
10000
0.1
1
10
100
Current (A)
100 µH
10 µH
1000 µH
0.510
12,95
max
0.370
9,40
max
0.100
2,54
0.300
7,62
0.100
2,54
0.450
11,43
Recommended
Land Pattern
typ
0.115
2,92
0.405
10,29
0.110
2,79
max
Start
Finish
Internal code
Dash number
0.145
3,69
*
*
Allow an additional 0.02/0,508
in width and 0.01/0,254 in
height for optional
tin-silver-copper application.
tin-lead and
*
Part marking since Feb. 2005.
Parts manufactured prior to that
date may have color dots. Visit
www.coilcraft.com/colrpowr.cfm for details.
0.333
8,47
Irms Derating
-40
-20
0
20
40
60
80
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - DO3340P-223ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P-223MLB COILCRAFT-DO3340P-223MLB Datasheet
296Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-223MLB COILCRAFT-DO3340P-223MLB Datasheet
551Kb / 2P
   SMT Power Inductors ??DO3340P
DO3340P-223MLD COILCRAFT-DO3340P-223MLD Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-223MLD COILCRAFT-DO3340P-223MLD Datasheet
296Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-223MLD COILCRAFT-DO3340P-223MLD Datasheet
551Kb / 2P
   SMT Power Inductors ??DO3340P
More results

Similar Description - DO3340P-223ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com