Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL-3338AR-VLS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # FL-3338AR-VLS
Description  Uncooled 1310 nm MQW-FP LD for CATV return path application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-3338AR-VLS Datasheet(HTML) 1 Page - Optoway Technology Inc

  FL-3338AR-VLS Datasheet HTML 1Page - Optoway Technology Inc FL-3338AR-VLS Datasheet HTML 2Page - Optoway Technology Inc FL-3338AR-VLS Datasheet HTML 3Page - Optoway Technology Inc FL-3338AR-VLS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
FL-3338AR
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
FL-3338AR Series
Uncooled 1310 nm MQW-FP LD for CATV return path application
****************************************************************************************************************************************************************
DESCRIPTION
FL-3338AR series are designed for coupling a single mode optical fiber with 1310 nm MQW-FP uncooled
laser diode. FL-3338AR series are the best kits as light source for CATV return path application.
FEATURES
l
1310 nm Uncooled FP Laser Diode with MOW Structure
l
High Reliability, Long Operation Life
l
-40 to 85℃ operation without active cooling
l
Built-in InGaAs monitor photodiode
l
Low Inter-modulation Distortion
l
Built-in Isolator
CHARACTERISTICS
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW, Room Temperature
CW, Over Temperature
10
15
40
mA
Iop
Operation Current
CW, Room Temperature
CW, Over Temperature
35
70
mA
Vop
Operating Voltage
CW, IF=Iop
1.2
1.5
V
Pf
Optical Output Power
Part No.:FL-3338AR
CW, IF=Iop
2.0
mW
λc
Central Wavelength
CW, IF=Iop
1290
1310
1330
nm
Δλ
Spectral Width
CW, IF=Iop, RMS(σ)
1.5
3
nm
ΔPf/ Pf Tracking Error
APC, -40~85 ℃
-1
1
dB
Im
PD monitor Current
CW, IF=Iop, VRD=1V
100
1500
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
VRD=5V, f=1 MHz
10
15
pF
IMD2
Second-Order Intermodulation
(*1)
-45
dBc
IMD3
Third-Order Intermodulation
(*1)
-55
dBc
CNR
Carrier to Noise Ratio
(*2)
51
dB
BF
Bandpass Flatness
Peak to Valley, 5~300 MHz
1.0
dB
RIN
Relative Intensity Noise
f=5~300 MHz
-135
dB/Hz
Iso
Optical Isolation
λ=1310 nm
30
dB
Note: *1. 20 Km fiber loss, 2-tone (13 MHz and 19 MHz), OMI=0.1 for each RF Channel.
*2. 1-tone with OMI=0.2, through 20 km fiber


Similar Part No. - FL-3338AR-VLS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3338-HF OPTOWAY-FL-3338-HF Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3338-HF OPTOWAY-FL-3338-HF Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3338-HFA OPTOWAY-FL-3338-HFA Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3338-HFA OPTOWAY-FL-3338-HFA Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3338-HFAS OPTOWAY-FL-3338-HFAS Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
More results

Similar Description - FL-3338AR-VLS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
DL-53X8AR-CXX0 OPTOWAY-DL-53X8AR-CXX0 Datasheet
93Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5338AR-CXX0 OPTOWAY-DL-5338AR-CXX0 Datasheet
88Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3340 OPTOWAY-FL-3340 Datasheet
92Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3540 OPTOWAY-FL-3540 Datasheet
114Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3500 OPTOWAY-FL-3500_09 Datasheet
93Kb / 5P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com