Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT1-43-3.8L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DMT1-43-3.8L
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DMT1-43-3.8L Datasheet(HTML) 2 Page - Coilcraft lnc.

  DMT1-43-3.8L Datasheet HTML 1Page - Coilcraft lnc. DMT1-43-3.8L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Output Power Chokes – Toroid Styles
Specifications subject to change without notice.
Please check our website for latest information.
Document 139-2
Document 139-2
Revised 07/31/07
1
1
1
0.063
1,6
Schematic
Recommended
Board Layout
L max
W max
2
2
2
X
Y
for mounting
stability
4
4
2
4
Z
V
Z
0.120/0.180
3,05/4,57
0.052
1,32
0.052
1,32
H max
DMT2 Series
L1
Current
DCR
Part
min
rating
max
H
L
W
X
Y
Z
V
number
(µH)
(A)
(Ohms)
max
max
max
±0.01/0,25
±0.01/0,25
pins 1 & 4
pins 1 & 4
DMT2-567-1.5L
567
1.5
0.56
1.4/35,6
1.4/35,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-273-2.4L
273
2.4
0.26
1.4/35,6
1.4/35,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-149-3.8L
149
3.8
0.13
1.4/35,6
1.4/35,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-79-6L
79
6.0
0.07
1.4/35,6
1.4/35,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-47-8.2L
47
8.2
0.04
1.4/35,6
1.4/35,6
0.9/22,9
0.90/22,9
0.60/15,2
0.041/1,04
0.052/1,32
DMT2-26-11L
26
11.0
0.02
1.4/35,6
1.4/35,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-796-1.5L
796
1.5
0.79
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-380-2.4L
380
2.4
0.38
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-200-3.8L
200
3.8
0.19
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-134-4.8L
134
4.8
0.10
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.052/1,32
0.063/1,60
DMT2-80-6.3L
80
6.3
0.05
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.041/1,04
0.052/1,32
DMT2-49-8L
49
8.0
0.04
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.046/1,17
0.057/1,45
DMT2-20-12L
20
12.0
0.02
1.6/40,6
1.6/40,6
0.9/22,9
0.90/22,9
0.60/15,2
0.058/1,47
0.069/1,75
1. Minimum inductance at rated current. Tested at 15.75 kHz, 10 Gauss level.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
DMT3 Series
L1
Current
DCR
Part
min
rating
max
H
L
W
X
Y
Z
V
number
(µH)
(A)
(Ohms)
max
max
max
±0.01/0,25
±0.01/0,25
pins 1 & 4
pins 1 & 4
DMT3-1439-1.5L
1439
1.5
1.176
1.90/48,3
1.80/45,7
0.95/24,1
1.20/30,5
0.70/17,8
0.052/1,32
0.063/1,60
DMT3-695-2.4L
695
2.4
0.550
1.90/48,3
1.80/45,7
0.95/24,1
1.20/30,5
0.70/17,8
0.052/1,32
0.063/1,60
DMT3-402-3.7L
402
3.7
0.279
1.90/48,3
1.80/45,7
0.95/24,1
1.20/30,5
0.70/17,8
0.052/1,32
0.063/1,60
DMT3-257-4.9L
257
4.9
0.150
1.90/48,3
1.85/47,0
0.95/24,1
1.20/30,5
0.70/17,8
0.052/1,32
0.063/1,60
DMT3-138-6L
138
6.0
0.070
1.90/48,3
1.85/47,0
0.95/24,1
1.20/30,5
0.70/17,8
0.041/1,04
0.052/1,32
DMT3-77-8L
77
8.0
0.040
1.90/48,3
1.85/47,0
0.95/24,1
1.20/30,5
0.70/17,8
0.046/1,17
0.057/1,45
DMT3-35-12L
35
12.0
0.019
1.90/48,3
1.85/47,0
0.95/24,1
1.20/30,5
0.70/17,8
0.058/1,47
0.069/1,75
1. Minimum inductance at rated current. Tested at 15.75 kHz, 10 Gauss level.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
Terminations: Tin-silver over copper
Weight
DMT1 Series: 13.0 – 16.4 g
DMT2 Series: 48.7 – 56.3 g
DMT3 Series: 90.2 – 100.5 g


Similar Part No. - DMT1-43-3.8L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT1-43-3.8L COILCRAFT-DMT1-43-3.8L Datasheet
348Kb / 2P
   Output Power Chokes - Toroid Styles
DMT1-43-3.8L COILCRAFT-DMT1-43-3.8L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
More results

Similar Description - DMT1-43-3.8L

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
I04-4R7-3R3 ICE-I04-4R7-3R3_08 Datasheet
305Kb / 2P
   Output Power Chokes
I04-4R7-3R3 ICE-I04-4R7-3R3 Datasheet
221Kb / 2P
   Output Power Chokes
I01-0210-01-00 ICE-I01-0210-01-00_08 Datasheet
276Kb / 2P
   Output Power Chokes
I01-0210-01-00 ICE-I01-0210-01-00 Datasheet
257Kb / 2P
   Output Power Chokes
logo
Coilcraft lnc.
DMT COILCRAFT-DMT_13 Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT2-20-12L COILCRAFT-DMT2-20-12L Datasheet
348Kb / 2P
   Output Power Chokes - Toroid Styles
logo
XFMRS Inc.
XFRLVO-820K XFMRS-XFRLVO-820K Datasheet
59Kb / 1P
   POWER CHOKES
XFRLVO1-4R7L XFMRS-XFRLVO1-4R7L Datasheet
34Kb / 1P
   POWER CHOKES
XFRLVO-332 XFMRS-XFRLVO-332 Datasheet
48Kb / 1P
   POWER CHOKES
XFRLVO-333 XFMRS-XFRLVO-333 Datasheet
35Kb / 1P
   POWER CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com