Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX4254-C Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # DPX4254-C
Description  Diplex Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DPX4254-C Datasheet(HTML) 4 Page - Coilcraft lnc.

  DPX4254-C Datasheet HTML 1Page - Coilcraft lnc. DPX4254-C Datasheet HTML 2Page - Coilcraft lnc. DPX4254-C Datasheet HTML 3Page - Coilcraft lnc. DPX4254-C Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© Coilcraft, Inc. 2007
Specifications subject to change without notice.
Please check our website for latest information.
AB
C
D
max
max
max
typ
E
F
G
H
I
J
K
1.065 0.560 0.215
0.155 0.050 0.400 0.800 0.120 0.070 0.305 0.545
17,05 14,22
5,46
3,94
1,27
10,16 20,32
3,05
1,78
7,75 13,84
A
B
F
G
Recommended
Land Pattern
F
F
F
G
C
D
H
I
J K
31
2
54
Document 282-4
Document 282-4
Revised 01/11/08
(4)
0.043
1,1
Recommended Board Layout
3/8 - 32 UNEF 2A
F connector
A
B
C
D
E
F
G
H
I
J
J
K
L
M
N
O
JJ
G
0.039 × 0.157
1,0 × 4,0
(4)
0.039 × 0.130
1,0 × 3,3
(2)
0
0.274 / 6,96
0.196 / 4,98
0.692 / 17,58
0.550 / 13,97
0.452 / 11,48
Dimensions – DPX4254-B, DPX4288-B
Dimensions – DPX4254-C
Dimensions – DPX4288-C
AB
C
D
max
max
max
typ
E
F
G
H
I
J
K
L
1.065 0.560 0.215 0.155 0.050 0.300 0.400 0.700 0.120 0.070 0.305 0.545
17,05 14,22 5,46
3,94
1,27
7,62 10,16 17,78
3,05 1,78
7,75 13,84
A
B
F
H
F
G
G
H
C
D
I
J
KL
31
2
54
Recommended
Land Pattern
A max B max
C max
D
E
F
G
H
1.40
0.81
0.51
0.580
0.124
0.005
0.035
1.303
35,56
20,57
12,95
14,73
3,15
1,27
0,89
33,10
IJ
K
L
M
N
O
0.855
0.118
0.229
0.378
0.091
0.311
0.753
21,72
3,00
5,82
9,60
2,31
7,90
19,13
Packaged 32 per tray
Packaged 32 per tray
Packaged 25 per tray


Similar Part No. - DPX4254-C

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DPX4254-C COILCRAFT-DPX4254-C Datasheet
189Kb / 4P
   Diplex Filters
More results

Similar Description - DPX4254-C

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DPX4254-B COILCRAFT-DPX4254-B_14 Datasheet
189Kb / 4P
   Diplex Filters
logo
M/A-COM Technology Solu...
MAFL-009217-CD0AC0 MA-COM-MAFL-009217-CD0AC0 Datasheet
110Kb / 5P
   CATV Diplex Filter
DS-MAFL-011015_V1 MA-COM-DS-MAFL-011015_V1 Datasheet
716Kb / 4P
   CATV Diplex Filter
MAFL-008098-CD0550-V3 MA-COM-MAFL-008098-CD0550-V3 Datasheet
286Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10_15 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-007988-CD0550 MA-COM-MAFL-007988-CD0550_15 Datasheet
115Kb / 3P
   CATV Diplex Filter
MAFL-008195-CD0AC0 MA-COM-MAFL-008195-CD0AC0_15 Datasheet
107Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550_15 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10 Datasheet
133Kb / 4P
   CATV Diplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com