Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ8101C Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQ8101C
Description  622/155 Mb/s SONET/SDH MDFP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ8101C Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQ8101C Datasheet HTML 1Page - TriQuint Semiconductor TQ8101C Datasheet HTML 2Page - TriQuint Semiconductor TQ8101C Datasheet HTML 3Page - TriQuint Semiconductor TQ8101C Datasheet HTML 4Page - TriQuint Semiconductor TQ8101C Datasheet HTML 5Page - TriQuint Semiconductor TQ8101C Datasheet HTML 6Page - TriQuint Semiconductor TQ8101C Datasheet HTML 7Page - TriQuint Semiconductor TQ8101C Datasheet HTML 8Page - TriQuint Semiconductor TQ8101C Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TQ8101C
4
For additional information and latest specifications, see our website: www.triquint.com
Framing
The demultiplexer block (see Figure 2) includes a
frame-detection and recovery block. Regardless of the
state of the OOF input signal, this block takes DXSYNC
high for one period of DXCK whenever it detects a
pattern of three “A1” bytes followed by three “A2”
bytes.
Frame recovery is initiated by the rising edge of the
OOF input signal. The recovery process involves a
search for a bit rotation that satisfies the three-“A1”–
three-“A2” byte pattern specified for SONET/SDH. Once
the pattern is found, DXSYNC goes high and the bit
rotation is synchronized to the correct byte boundaries.
No further byte boundary adjustments are made,
regardless of “A1”-“A2” indication, unless they have
been preceded by an OOF rising edge.
Normal
RXDT
RXCK
TXDT
TXCK
DXDTIN
DXHSCK
MXDTOUT
MXHSCK
Equipment Loopback
TXDT
TXCK
DXDTIN
DXHSCK
MXDTOUT
MXHSCK
Facility Loopback
RXDT
RXCK
TXDT
TXCK
DXDTIN
DXHSCK
Split Loopback
RXDT
RXCK
TXDT
TXCK
DXDTIN
DXHSCK
MXDTOUT
MXHSCK
PLL Clock Synthesis
The PLL utilizes a monolithic voltage-controlled
oscillator with a typical tuning constant of 50 to 100
MHz per volt on the TUNE input. This configuration
provides jitter performance superior to other
technologies. In a typical SONET/SDH application the
TUNE input and charge pump output IOUT are
connected and tied to VEE through a 600-ohm resistor
and 0.68-
µF capacitor.
Loopback
The TQ8101C features four loopback modes: normal
(pass-through), equipment loopback, split loopback,
and facility loopback. Loopback modes are controlled
by pins CNTL(3:0). Note that the loopback mode does
not affect the latched selection of clock modes and
rates. Note that the RXCK input is directly connected to
the TXCK output in most loopback modes (see below).
Figure 5. TQ8101C Loopback Modes


Similar Part No. - TQ8101C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
TQ8106 TRIQUINT-TQ8106 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
More results

Similar Description - TQ8101C

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
   SONET/SDH Interface for 622 & 155 Mbit/s
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Agere Systems
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Agere Systems
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208M AVAGO-HFBR-5208M Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
JDS Uniphase Corporatio...
EDR512BTL JDSU-EDR512BTL Datasheet
217Kb / 7P
   Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com